전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1030F 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPD1030F
상세설명  2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1030F 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPD1030F Datasheet HTML 1Page - Toshiba Semiconductor TPD1030F Datasheet HTML 2Page - Toshiba Semiconductor TPD1030F Datasheet HTML 3Page - Toshiba Semiconductor TPD1030F Datasheet HTML 4Page - Toshiba Semiconductor TPD1030F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPD1030F
2000-03-01
4/5
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to
ambient (t
= 10 s)
(Note3)
Rth (ch-a)
62.5
°C/W
Note3: Drive operation: Mount on glass epoxy boad [1 inch
2 × 0.8 t] (in the two devices driving)
Electrical Characteristics (Tch
==== 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Drain-source clamp voltage
V (CL) DSS
VIN = 0 V, ID = 1 mA
40
60
V
Input threshold voltage
Vth
VDS = 13 V, ID = 10 mA
1.0
2.8
V
Protective circuit operation input
voltage range
VIN (opr)
3
7
V
Draint cut-off current
IDSS
VIN = 0 V, VDS = 30 V
10
µA
IIN (1)
VIN = 5 V, at normal operation
300
Input current
IIN (2)
VIN = 5 V, when protective
circuit is actuated
390
µA
Drain-source on resistance
RDS (ON)
VIN = 5 V, ID = 0.5 A
0.44
0.6
Overtemperature protection
TS
VIN = 5 V
150
160
°C
Overcurrent protection
IS
VIN = 5 V
1.0
A
tON
1
30
Switching time
tOFF
1
VDD = 13 V, VIN = 5 V,
ID = 0.5 A
30
µs
Source-drain diode forward voltage
VDSF
IF = 1 A, VIN = 0 V
1.7
V
Test Circuit 1
Switching time measuring circuit
Test Circuit
Measured Waveforms
VIN Waveform
VOUT Waveform
5 V
90%
tON
10%
10%
90%
tOFF
13 V
To be set so that
ID = 0.5 A.
V
TPD1030F
IN
OUT GND
Preliminary


유사한 부품 번호 - TPD1030F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
More results

유사한 설명 - TPD1030F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F_13 Datasheet
289Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1058FA TOSHIBA-TPD1058FA Datasheet
739Kb / 15P
   Low-Side Switch for Solenoid, Motor and Lamp Drive
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com