전자부품 데이터시트 검색엔진 |
|
TPD1030 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TPD1030 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 5 page TPD1030F 2000-03-01 2/5 Block Diagram Pin Description Pin No. Symbol Pin Description 1 SOURCE1 Source pin 1 2 IN1 Input pin 1 This pin is connected to a pull-down resistor internally, so that even when input wiring is open-circuited, output can never be turned on inadvertently. 3 SOURCE2 Source pin 2 4 IN2 Input pin 2 This pin is connected to a pull-down resistor internally, so that even when input wiring is open-circuited, output can never be turned on inadvertently. 5, 6 DRAIN2 Drain pin 2 Drain current is limited (by current limiter) if it exceeds 1 A (min) in order to protect the IC. 7, 8 DRAIN1 Drain pin 1 Drain current is limited (by current limiter) if it exceeds 1 A (min) in order to protect the IC. Preliminary DRAIN1 IN1 Overcurrent Detection /Protection 8 7 Overtemperature Detection /Protection 1 2 SOURCE1 DRAIN1 DRAIN2 IN2 Overcurrent Detection /Protection 6 5 Overtemperature Detection /Protection 3 4 SOURCE2 DRAIN2 |
유사한 부품 번호 - TPD1030 |
|
유사한 설명 - TPD1030 |