전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD-HD2X 데이터시트(PDF) 4 Page - Bourns Electronic Solutions

부품명 CD-HD2X
상세설명  Surface Mount Schottky Bridge Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD2X 데이터시트(HTML) 4 Page - Bourns Electronic Solutions

  CD-HD2X Datasheet HTML 1Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 2Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 4Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode
Product Dimensions
This is an RoHS2 compliant product, packaged with FRP substrate and is epoxy underfilled. The terminals are pure tin plated (lead free) and
are solderable per MIL-STD-750, Method 2026. The package and dimensions are shown below.
Recommended Footprint
Typical Part Marking
How to Order
CD - HD 2 004 L
Common Code
Chip Diode
Package
HD = HD Bridge Series
Average Forward Current
2 = 2 A
Reverse Voltage
004 = 40 V
006 = 60 V
01 = 100 V
Forward Voltage Suffix
(blank) = Standard Forward Voltage
L = Low Forward Voltage
MM
(INCHES)
DIMENSIONS:
2.54±0.05
(0.100±0.002)
6.15±0.1
(0.242±0.004)
1.4±0.05
(0.055±0.002)
1.0±0.05
(0.039±0.002)
B
D
E
C
F
A
MM
(INCHES)
DIMENSIONS:
TOP VIEW
Dimensions
A
4.65 - 4.85
(0.183 - 0.191)
B
2.49 - 2.59
(0.098 - 0.102)
C
6.05 - 6.25
(0.238 - 0.246)
D
0.95 - 1.05
(0.037 - 0.041)
E
1.35 - 1.45
(0.053 - 0.057)
F
0.92 - 1.22
(0.036 - 0.048)
MANUFACTURER S
TRADEMARK
VRMS
40 = 40 V
60 = 60 V
100 = 100 V
DATE CODE
FORWARD
CURRENT
x 100 mA
LOW
FORWARD
VOLTAGE
20 L
60


유사한 부품 번호 - CD-HD2X

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD-HD2x(L)x BOURNS-CD-HD2x(L)x Datasheet
298Kb / 5P
   RoHS compliant*
CD-HD2XL BOURNS-CD-HD2XL Datasheet
175Kb / 6P
   CD-HD2x(L) Series Surface Mount Schottky Bridge Rectifier Diode
REV. 09/20
More results

유사한 설명 - CD-HD2X

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
   Surface Mount Schottky Bridge Rectifier Diode
logo
Nanjing International G...
MB22S DGNJDZ-MB22S Datasheet
594Kb / 2P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Formosa MS
KBM12F FORMOSA-KBM12F Datasheet
947Kb / 2P
   Surface Mount Schottky Bridge Rectifier
logo
Diotech Company.
MB22S DIOTECH-MB22S Datasheet
877Kb / 2P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
MB12S DIOTECH-MB12S Datasheet
762Kb / 2P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Bourns Electronic Solut...
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com