전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M040102 데이터시트(PDF) 1 Page - E-SWITCH

부품명 M040102
상세설명  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M040102 데이터시트(HTML) 1 Page - E-SWITCH

  M040102 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R4ABLKBLKFF0
1:1
1/30/2007
M040102
I
TN
1
1
1a
1
1a
33.00
[1.299 in]
15.00
[.591 in]
8.00
[.315 in]
36.00
[1.417 in]
6.80
[.268 in]
8.50
[.335 in]
10.90
[.429 in]
2.00
[.079 in]
17.00
[.669 in]
10.00
[.394 in]
6.35
[.250 in]
27.10
[1.067 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A 125VAC, 16A 250VAC UL APPROVED
16A 250VAC VDE APPROVED
5. ELECTRICAL LIFE: OVER 10,000 CYCLES
6. MECHANICAL LIFE: OVER 30,000 CYCLES
7. CONTACT RESISTANCE: <20 m
(INITIAL)
8. DIELECTRIC STRENGTH: >1500V 1 min
9. INSULATION RESISTANCE: >1,000 m
@ 500V DC
10. OPERATING TEMPERATURE: TERMINAL SIDE -20
~C to 85~C
ROCKER SIDE -20
~C to 55~C
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
PANEL THICKNESS X
`0.05
0.75-1.25
1.25-2.00
2.00-3.00
29.65
30.15
30.50
RECOMMENDED PANEL MOUNTING
X
11.15 `0.05
[.439 `.002]
HOUSING: BLACK
ROCKER: BLACK
CIRCUIT: SPST
11a
.80
[.031 in]
GRAPHIC: WHITE
POSITION
1
POSITION
3
H
19805
UPDATE DRAWING
03/31/11
BMA
11.40
[.449 in]
POS. 1
POS. 3
SWITCH FUNCTION
ON
OFF
1-1a
OPEN
I
I
I
I
19933
CORRECT DIMS AND FUNCTION TABLE
05/10/11
BMA


유사한 부품 번호 - M040102

제조업체부품명데이터시트상세설명
logo
E-SWITCH
M040100 E-SWITCH-M040100 Datasheet
162Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040101 E-SWITCH-M040101 Datasheet
160Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040103 E-SWITCH-M040103 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040104 E-SWITCH-M040104 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040105 E-SWITCH-M040105 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

유사한 설명 - M040102

제조업체부품명데이터시트상세설명
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com