전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX8045JA25000H0QTWZ1 데이터시트(PDF) 1 Page - Kyocera Kinseki Corpotation

부품명 CX8045JA25000H0QTWZ1
상세설명  Crystal Units Surface Mount Type CX8045JA (CX-17F)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KSS [Kyocera Kinseki Corpotation]
홈페이지  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX8045JA25000H0QTWZ1 데이터시트(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX8045JA25000H0QTWZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
Surface Mount Type CX8045JA (CX-17F)
8.0
×4.5mm for Automotive
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Small and low profile (8.0
×4.5×1.9mm)
• Ceramic package, J lead type
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU, TPMS
How to Order
CX8045JA 08000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
H0
12 pF
Std.
④ Frequency Stability
P
±50×10-6
Q
±100×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
TW
-40 to +150°C
±200×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
4000 to 30000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
12
pF
Frequency Stability
f_tol
±100
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +150
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
8000.000
CX8045JA08000H0QTWZ1
9843.750
CX8045JA09843H0QTWZ1
10000.000
CX8045JA10000H0QTWZ1
12000.000
CX8045JA12000H0QTWZ1
13560.000
CX8045JA13560H0QTWZ1
14000.000
CX8045JA14000H0QTWZ1
16000.000
CX8045JA16000H0QTWZ1
18000.000
CX8045JA18000H0QTWZ1
20000.000
CX8045JA20000H0QTWZ1
24000.000
CX8045JA24000H0QTWZ1
25000.000
CX8045JA25000H0QTWZ1
30000.000
CX8045JA30000H0QTWZ1
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
4000 to 4999kHz
500
Ω max.
5000 to 7199kHz
300
Ω max.
7200 to 9999kHz
200
Ω max.
10000 to 11999kHz
150
Ω max.
12000 to 30000kHz
100
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
4000 to 15999kHz
10
μW (500μW max.)
16000 to 24999kHz
10
μW (300μW max.)
25000 to 30000kHz
10
μW (100μW max.)
1.7
7.1
1.7
Recommended Land Pattern
(Unit: mm)
8.0
±0.2
0.9
CONNECTION
Dimensions
(Unit: mm)


유사한 부품 번호 - CX8045JA25000H0QTWZ1

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
CX8045JA25000H0QSWZZ KSS-CX8045JA25000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
More results

유사한 설명 - CX8045JA25000H0QTWZ1

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
CX8045GB KSS-CX8045GB_13 Datasheet
559Kb / 1P
   Crystal Units Surface Mount Type CX8045GB (CX-8045G)
CX3225SB KSS-CX3225SB_12 Datasheet
60Kb / 1P
   Crystal Units Surface Mount Type CX3225SB (CX-101F)
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com