전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCWH9GP-JZKY-4R9T-1 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LCWH9GP-JZKY-4R9T-1
상세설명  SMD epoxy package with silicone lens
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP-JZKY-4R9T-1 데이터시트(HTML) 1 Page - OSRAM GmbH

  LCWH9GP-JZKY-4R9T-1 Datasheet HTML 1Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 2Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 3Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 4Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 5Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 6Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 7Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 8Page - OSRAM GmbH LCWH9GP-JZKY-4R9T-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2014-04-28
1
2014-04-28
OSLON Black
Datasheet
Version 2.0
LCW H9GP
OSLON Black Series combines thermal stability with
high performance and reliability in a compact black
package. It has a metal lead frame and a tried and
tested lens design. The LED can be used wherever
there are large fluctuations in temperature and a large
amount of light is needed from a small area.
Die OSLON Black Series vereint Temperaturstabilität
mit hoher Leistung und Zuverlässigkeit in einem
kompakten, schwarzen Gehäuse. Sie hat ein
Metall-Leadframe und profitiert vom bewährten
Linsendesign. Eingesetzt werden kann die LED
überall dort, wo große Temperaturschwankungen
herrschen und viel Licht aus kleiner Fläche benötigt
wird.
Features:
Besondere Merkmale:
• Package: SMD epoxy package with silicone lens
Gehäusetyp: SMD Epoxyd Gehäuse mit
Silikonlinse
• Technology: ThinGaN
Technologie: ThinGaN
• Viewing angle at 50 % I
V: 90°
Abstrahlwinkel bei 50 % I
V: 90°
• Color: Cx = 0.42, Cy = 0.40 acc. to CIE 1931
(warm white); CRI (typ.) = 80; CTR = 2500 K - 4800
K
Farbe: Cx = 0.42, Cy = 0.40 nach CIE 1931
(warmweiß); CRI (typ.) = 80; CTR = 2500 K - 4800
K
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
• Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
• Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
• Floodlight
Flutlicht
• Furniture Lighting
Möbelbeleuchtung
• Reading Lamps
Leselampen


유사한 부품 번호 - LCWH9GP-JZKY-4R9T-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
More results

유사한 설명 - LCWH9GP-JZKY-4R9T-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LCW-H9GP OSRAM-LCW-H9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LUW-H9GP.CE OSRAM-LUW-H9GP.CE Datasheet
729Kb / 23P
   SMD epoxy package with silicone lens
KB-HAVPA1.12 OSRAM-KB-HAVPA1.12 Datasheet
858Kb / 22P
   SMD epoxy package with silicone lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com