전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCWH9GP-JZKY-4U9X-1 데이터시트(PDF) 10 Page - OSRAM GmbH

부품명 LCWH9GP-JZKY-4U9X-1
상세설명  SMD epoxy package with silicone lens
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP-JZKY-4U9X-1 데이터시트(HTML) 10 Page - OSRAM GmbH

Back Button LCWH9GP-JZKY-4U9X-1 Datasheet HTML 6Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 7Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 8Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 9Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 10Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 11Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 12Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 13Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2014-04-28
10
Version 2.0
LCW H9GP
8M
0.3826
0.3931
9R
0.4299
0.4165
8W
0.4636
0.4197
0.3853
0.4033
0.4337
0.4253
0.4688
0.4290
0.3916
0.3987
0.4387
0.4197
0.4697
0.4211
0.3947
0.4093
0.4428
0.4286
0.4750
0.4304
4N
0.3791
0.3564
4S
0.4181
0.3751
9W
0.4688
0.4290
0.3822
0.3670
0.4222
0.3840
0.4739
0.4382
0.3862
0.3607
0.4254
0.3776
0.4750
0.4304
0.3898
0.3716
0.4298
0.3867
0.4803
0.4398
5N
0.3822
0.3670
5S
0.4222
0.3840
4X
0.4485
0.3838
0.3853
0.3776
0.4263
0.3929
0.4538
0.3850
0.3898
0.3716
0.4298
0.3867
0.4538
0.3931
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
6N
0.3853
0.3776
6S
0.4263
0.3929
5X
0.4538
0.3931
0.3885
0.3882
0.4305
0.4019
0.4591
0.4025
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
7N
0.3885
0.3882
7S
0.4305
0.4019
6X
0.4591
0.4025
0.3916
0.3987
0.4346
0.4108
0.4644
0.4118
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
8N
0.3916
0.3987
8S
0.4346
0.4108
7X
0.4644
0.4118
0.3947
0.4093
0.4387
0.4197
0.4697
0.4211
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
0.4042
0.4153
0.4474
0.4228
0.4758
0.4225
4O
0.3863
0.3609
9S
0.4387
0.4197
8X
0.4697
0.4211
0.3890
0.3690
0.4428
0.4286
0.4750
0.4304
0.3945
0.3648
0.4474
0.4228
0.4758
0.4225
0.3975
0.3731
0.4519
0.4319
0.4813
0.4319
5O
0.3890
0.3690
4T
0.4254
0.3776
9X
0.4750
0.4304
0.3916
0.3772
0.4298
0.3867
0.4803
0.4398
0.3975
0.3731
0.4326
0.3801
0.4813
0.4319
0.4006
0.3815
0.4373
0.3893
0.4868
0.4413
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


유사한 부품 번호 - LCWH9GP-JZKY-4U9X-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
More results

유사한 설명 - LCWH9GP-JZKY-4U9X-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LCW-H9GP OSRAM-LCW-H9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LUW-H9GP.CE OSRAM-LUW-H9GP.CE Datasheet
729Kb / 23P
   SMD epoxy package with silicone lens
KB-HAVPA1.12 OSRAM-KB-HAVPA1.12 Datasheet
858Kb / 22P
   SMD epoxy package with silicone lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com