전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCYCLBP-KYLY-5F5G-8E8G 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 LCYCLBP-KYLY-5F5G-8E8G
상세설명  Automotive Lighting Interior and Exterior
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYCLBP-KYLY-5F5G-8E8G 데이터시트(HTML) 3 Page - OSRAM GmbH

  LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 1Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 2Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 3Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 4Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 5Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 6Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 7Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 8Page - OSRAM GmbH LCYCLBP-KYLY-5F5G-8E8G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Version 1.4
LCY CLBP
2016-01-06
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 120
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 120
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
160
°C
Junction temperature
Sperrschichttemperatur
T
j
135
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
30 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
IFM
2000
mA
Reverse voltage 2) page 21
Sperrspannung 2) Seite 21
(TS = 25 °C)
V
R
5
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
*The median lifetime (L70/B50) for Tj = 175°C is 100h.
Anm:
*Die mittlere Lebensdauer (L70/B50) bei Tj = 175°C beträgt 100h.


유사한 부품 번호 - LCYCLBP-KYLY-5F5G-8E8G

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCYCLBP-KZLY-5F5G-8E8G OSRAM-LCYCLBP-KZLY-5F5G-8E8G Datasheet
766Kb / 22P
   OSLON Signal
More results

유사한 설명 - LCYCLBP-KYLY-5F5G-8E8G

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
   Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
   Automotive Lighting Interior and Exterior
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
   Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
   Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
   Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com