전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCYG6SP-CBDB-5E 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LCYG6SP-CBDB-5E
상세설명  Exterior Automotive Lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYG6SP-CBDB-5E 데이터시트(HTML) 5 Page - OSRAM GmbH

  LCYG6SP-CBDB-5E Datasheet HTML 1Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 2Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 3Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 4Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 5Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 6Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 7Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 8Page - OSRAM GmbH LCYG6SP-CBDB-5E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.1
LCY G6SP
2014-07-28
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
3) page 21
Durchlassspannungsgruppen 3) Seite 21
Group
Luminous Intensity
1) page 21
Luminous Intensity
1) page 21
Luminous Flux 5) page 21
Gruppe
Lichtstärke 1) Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 5) Seite 21
(min.) I
v [cd]
(max.) I
v [cd]
(typ.) Φ
V [lm]
CB
3.55
4.5
12.1
DA
4.5
5.6
15.2
DB
5.6
7.1
19.1
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
4
2.90
3.20
5
3.20
3.50
6
3.50
3.80
7
3.80
4.10


유사한 부품 번호 - LCYG6SP-CBDB-5E

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCYG6SP-CBDB-5E OSRAM-LCYG6SP-CBDB-5E Datasheet
640Kb / 22P
   Advanced Power TOPLED
More results

유사한 설명 - LCYG6SP-CBDB-5E

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
   Exterior Automotive Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
   Automotive Lighting Exterior
LCYH9PP-7J6K-5F5G-1 OSRAM-LCYH9PP-7J6K-5F5G-1 Datasheet
1Mb / 23P
   Exterior Automotive Lighting
LCYW5SM OSRAM-LCYW5SM Datasheet
675Kb / 22P
   Exterior Automotive Lighting
LCYCEUP OSRAM-LCYCEUP Datasheet
693Kb / 22P
   Exterior Automotive Lighting
KRDMLQ31.23 OSRAM-KRDMLQ31.23_17 Datasheet
724Kb / 22P
   Automotive Lighting Exterior
LCYCEUP-6L6M-5F5G-8E8G OSRAM-LCYCEUP-6L6M-5F5G-8E8G Datasheet
693Kb / 22P
   Exterior Automotive Lighting
LEUWU1A201 OSRAM-LEUWU1A201 Datasheet
2Mb / 19P
   Exterior Automotive Lighting
LEUWU1A401 OSRAM-LEUWU1A401 Datasheet
2Mb / 19P
   Exterior Automotive Lighting
LEUWU1A301 OSRAM-LEUWU1A301 Datasheet
2Mb / 19P
   Exterior Automotive Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com