전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4404CPA 데이터시트(PDF) 3 Page - Microchip Technology

부품명 TC4404CPA
상세설명  1.5A Dual Open-Drain MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404CPA 데이터시트(HTML) 3 Page - Microchip Technology

  TC4404CPA Datasheet HTML 1Page - Microchip Technology TC4404CPA Datasheet HTML 2Page - Microchip Technology TC4404CPA Datasheet HTML 3Page - Microchip Technology TC4404CPA Datasheet HTML 4Page - Microchip Technology TC4404CPA Datasheet HTML 5Page - Microchip Technology TC4404CPA Datasheet HTML 6Page - Microchip Technology TC4404CPA Datasheet HTML 7Page - Microchip Technology TC4404CPA Datasheet HTML 8Page - Microchip Technology TC4404CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 3
TC4404/TC4405
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .....................................................+22V
Power Dissipation (TA 70°C)
PDIP..................................................... 730 mW
SOIC .................................................... 470 mW
Operating Temperature Range
C Version ........................................ 0°C to +70°C
E Version...................................... -40°C to +85°C
Storage Temperature Range.............. -65°C to +150°C
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other conditions
above those indicated in the operational sections of this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, all limits apply for typical values at ambient temperature
TA = +25°C, with 4.5V  VDD  18V.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic 1, High Input Voltage
VIH
2.4
V
Logic 0, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–1
1
A0VVINVDD
Output
High Output Voltage
VOH VDD – 0.025
V
Low Output Voltage
VOL
0.025
V
Output Resistance
RO
—7
10
IOUT = 10 mA, VDD = 18V;
any drain
Peak Output Current (Any Drain)
IPK
1.5
A
Duty cycle
2%, t 300 sec
Continuous Output Current
(Any Drain)
IDC
100
mA
Latch-Up Protection (Any Drain)
Withstand Reverse Current
IR
> 500
mA
Duty cycle
2%, t 300 sec
Switching Time (Note 1)
Rise Time
tR
—25
30
ns
Figure 4-1, CL = 1000 pF
Fall Time
tF
—25
30
ns
Figure 4-1, CL = 1000 pF
Delay Time
tD1
—15
30
ns
Figure 4-1, CL = 1000 pF
Delay Time
tD2
—32
50
ns
Figure 4-1, CL = 1000 pF
Power Supply
Power Supply Current
IS
4.5
0.4
mA
VIN = 3V (both inputs)
VIN = 0V (both inputs)
Note 1: Switching times ensured by design.


유사한 부품 번호 - TC4404CPA

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4404CPA TELCOM-TC4404CPA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404CPA MICROCHIP-TC4404CPA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404CPA MICROCHIP-TC4404CPA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404CPA MICROCHIP-TC4404CPA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

유사한 설명 - TC4404CPA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com