전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5168 데이터시트(PDF) 2 Page - Isahaya Electronics Corporation

부품명 2SC5168
상세설명  SILICON NPN DUAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISAHAYA [Isahaya Electronics Corporation]
홈페이지  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5168 데이터시트(HTML) 2 Page - Isahaya Electronics Corporation

  2SC5168 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5168 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5168 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5168 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5168 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image


유사한 부품 번호 - 2SC5168

제조업체부품명데이터시트상세설명
logo
Rohm
2SC5161 ROHM-2SC5161 Datasheet
120Kb / 4P
   High Voltage Switching Transistor(400V, 2A)
2SC5161 ROHM-2SC5161 Datasheet
83Kb / 4P
   HIgh voltage switching transistor (400V, 2A)
logo
Guangdong Kexin Industr...
2SC5161 KEXIN-2SC5161 Datasheet
41Kb / 2P
   High Voltage Switching Transistor
logo
Rohm
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
   High voltage switching transistor (400V, 2A)
logo
List of Unclassifed Man...
2SC5169 ETC-2SC5169 Datasheet
113Kb / 5P
   DUAL TRANSISTOR
More results

유사한 설명 - 2SC5168

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
MD918 CENTRAL-MD918 Datasheet
65Kb / 2P
   NPN DUAL SILICON TRANSISTOR
2N5793 CENTRAL-2N5793 Datasheet
67Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2060M CENTRAL-2N2060M Datasheet
435Kb / 2P
   SILICON DUAL NPN TRANSISTOR
MD918 CENTRAL-MD918_15 Datasheet
69Kb / 2P
   NPN SILICON DUAL TRANSISTOR
MD8001 CENTRAL-MD8001_15 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2917 CENTRAL-2N2917_15 Datasheet
87Kb / 2P
   NPN SILICON DUAL TRANSISTOR
logo
Microsemi Corporation
JANS2N2920 MICROSEMI-JANS2N2920 Datasheet
293Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918_15 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
logo
Microsemi Corporation
2N5793 MICROSEMI-2N5793 Datasheet
131Kb / 2P
   NPN SILICON DUAL TRANSISTOR
2N2919 MICROSEMI-2N2919 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com