전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4405EOA 데이터시트(PDF) 9 Page - Microchip Technology

부품명 TC4405EOA
상세설명  1.5A Dual Open-Drain MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4405EOA 데이터시트(HTML) 9 Page - Microchip Technology

Back Button TC4405EOA Datasheet HTML 5Page - Microchip Technology TC4405EOA Datasheet HTML 6Page - Microchip Technology TC4405EOA Datasheet HTML 7Page - Microchip Technology TC4405EOA Datasheet HTML 8Page - Microchip Technology TC4405EOA Datasheet HTML 9Page - Microchip Technology TC4405EOA Datasheet HTML 10Page - Microchip Technology TC4405EOA Datasheet HTML 11Page - Microchip Technology TC4405EOA Datasheet HTML 12Page - Microchip Technology TC4405EOA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 9
TC4404/TC4405
4.0
APPLICATIONS INFORMATION
4.1
Circuit Layout Guidelines
Long power supply and ground traces should be
avoided as the added inductance causes unwanted
voltage transients. Power and ground planes should be
used wherever possible.
In addition, it is advisable that low ESR (Equivalent
Series Resistance) bypass capacitors (4.7 µF or 10 µF
tantalum) be placed as close to the driver as possible.
In order to minimize the length of the output trace, the
driver should be physically located as close as possible
to the device it is driving.
FIGURE 4-1:
Switching Time Test Circuit.
4.2
Typical Applications
FIGURE 4-2:
Zero Crossover Current
Totem-Pole Switch.
FIGURE 4-3:
Driving Bipolar Transistors.
CL = 1000 pF
+5V
10%
90%
10%
90%
10%
90%
18V
0V
0V
90%
10%
10%
10%
90%
+5V
18V
0V
0V
90%
4
28.7
1
1
2
0.1µF
4.7µF
Inverting Driver
Noninverting Driver
Input
VDD = 18V
Input
Output
tD1
tF
tR
tD2
Input: 100 kHz,
square wave,
tRISE = tFALL  10 ns
Output
Input
Output
tD1
tF
tR
tD2
RT
RT
VDD
(4.5V - 18V)
From TTL
GND
VOUT
TC4404
GND
TC4405
VDD
(4.5V - 18V)
From TTL
RIB
RIB


유사한 부품 번호 - TC4405EOA

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4405EOA TELCOM-TC4405EOA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4405EOA MICROCHIP-TC4405EOA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4405EOA MICROCHIP-TC4405EOA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4405EOA MICROCHIP-TC4405EOA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

유사한 설명 - TC4405EOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com