전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74VHCT14ADTR2G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC74VHCT14ADTR2G
상세설명  Hex Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT14ADTR2G 데이터시트(HTML) 4 Page - ON Semiconductor

  MC74VHCT14ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT14A
www.onsemi.com
4
Figure 2. Switching Waveforms
3.0V
GND
1.5V
1.5V
A
Y
tPHL
tPLH
*Includes all probe and jig capacitance
Figure 3. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
VH
Vin
Vout
VCC
VT+
VT-
GND
VOH
VOL
VH
Vin
Vout
VCC
VT+
VT-
GND
VOH
VOL
(a) A Schmitt-Trigger Squares Up Inputs With Slow Rise and Fall Times
(b) A Schmitt-Trigger Offers Maximum Noise Immunity
Figure 4. Typical Schmitt−Trigger Applications
VOH
VOL
ORDERING INFORMATION
Device
Package
Shipping
MC74VHCT14ADR2G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
NLV74VHCT14ADR2G*
MC74VHCT14ADTR2G
TSSOP−14
(Pb−Free)
NLV74VHCT14ADTR2G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


유사한 부품 번호 - MC74VHCT14ADTR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT14ADTR2G ONSEMI-MC74VHCT14ADTR2G Datasheet
104Kb / 6P
   Hex Schmitt Inverter
April, 2006 ??Rev. 4
MC74VHCT14ADTR2G ONSEMI-MC74VHCT14ADTR2G Datasheet
93Kb / 6P
   Hex Schmitt Inverter
August, 2017 ??Rev. 8
More results

유사한 설명 - MC74VHCT14ADTR2G

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com