전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX92215 데이터시트(PDF) 4 Page - Melexis Microelectronic Systems

부품명 MLX92215
상세설명  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92215 데이터시트(HTML) 4 Page - Melexis Microelectronic Systems

  MLX92215 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MLX92215-AAA
3-Wire Hall Effect Latch
390109221501
Page 4 of 13
Datasheet
Rev. 001
www.melexis.com
NOV/14
5 General Electrical Specifications
DC Operating Parameters TA = -40°C to 150°C, VDD = 2.7V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
(1)
Max
Units
Supply Voltage
VDD
Operating
2.7
-
24
V
Supply Current
IDD
1.5
3.0
4.5
mA
Reverse Supply Current
IDDREV
VDD = -18V
1
mA
Output Leakage Current
IOFF
VOUT = 12V, VDD = 12V, B < Brp
0.1
10
µA
Output Saturation Voltage
VDSon
B > BOP, VDD = 3.8 to 18V, IOUT =
20mA
0.2
0.5
V
Output Rise Time
(2)
(RPU dependent)
tR
VDD = 12V, VPU
(3) = 5V, R
PU = 1kΩ
CLOAD = 50pF to GND
0.1
0.3
1
µs
Output Fall Time
(2)
(On-chip controlled)
tF
VDD = 12V, VPU = 5V, RPU = 1kΩ
CLOAD = 50pF to GND
0.1
0.3
1
µs
Chopping Frequency
fCHOP
340
kHz
Output Refresh Period
(2)
tPER
6
µs
Delay time
(2,4)
tD
Average over 1000 successive
switching events @10kHz, square
wave with B≥30mT, tRISE=tFALL≤20μs
6
µs
Output Jitter (p-p)
(2, 5)
tJITTER
Over 1000 successive switching
events @1kHz, square wave with
B≥30mT, tRISE=tFALL ≤100μs
±3
µs
Maximum Switching Frequency
(2,6)
fSW
B
≥30mT and square wave magnetic
field
30
50
kHz
Power-On Time
(7,8)
tON
VDD = 5V, dVDD/dt > 2V/us
16
35
μs
SE Package Thermal Resistance
RTH
Single layer (1S) Jedec board
300
°C/W
UA Package Thermal Resistance
RTH
Single layer (1S) Jedec board
200
°C/W
Table 1: Electrical specifications
1 Typical values are defined at T
A = +25°C and VDD = 12V, unless otherwise specified
2 Guaranteed by design and verified by characterization, not production tested
3 R
PU and VPU are respectively the external pull-up resistor and pull-up power supply
4 The Delay Time is the time from magnetic threshold reached to the start of the output switching
5 Output jitter is the unpredictable deviation of the Delay time
6 Maximum switching frequency corresponds to the maximum frequency of the applied magnetic field which is detected without loss of pulses
7 The Power-On Time represents the time from reaching V
DD = VPOR to the first refresh of the output (first valid output state)
8 Power-On Slew Rate is not critical for the proper device start-up


유사한 부품 번호 - MLX92215

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

유사한 설명 - MLX92215

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com