전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX92212 데이터시트(PDF) 4 Page - Melexis Microelectronic Systems

부품명 MLX92212
상세설명  3-Wire Hall Effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92212 데이터시트(HTML) 4 Page - Melexis Microelectronic Systems

  MLX92212 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92212 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MLX92212LSE
3-Wire Hall Effect Latch / Switch
390109221203 – REV 2
Page 4 of 12
Oct/13
5 Pin Definitions and Descriptions
Pin
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
OUT
Output
Open Drain output pin
3
GND
Ground
Ground pin
Table 2: SE Package pinout
6 General Electrical Specifications
DC Operating Parameters TA = -40 to 150
oC, V
DD = 2.5V to 5.5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
2.5
5.5
V
Supply Current
IDD
1.3
2.1
3.2
mA
Output Saturation Voltage
VDSON
IOUT = 5mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP, VOUT = 5.5V
0.01
10
A
Output Rise Time
(1)
tr
RL = 1k, CL = 50pF
0.25
s
Output Fall Time
(1)
tf
RL = 1k, CL = 50pF
0.25
s
Power-On Time
(2)
tPON
dVDD/dt > 2V/µs
38
70
s
Power-On Reset Voltage
(3)
VPOR
1.95
2.1
V
Power-On State
-
High
-
Maximum Switching
Frequency
(1)
FSW
B≥±40mT and square
wave magnetic field
10
KHz
SE Package Thermal
Resistance
RTH
Single layer (1S) Jedec
board
300
°C/W
Table 3: Electrical specifications
1 Guaranteed by design and verified by characterization, not production tested.
2 The Power-On time represents the time from reaching V
DD = 2.5V to the first refresh of the output.
3 If V
DD drops below VPOR the output is reset to High state.


유사한 부품 번호 - MLX92212

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

유사한 설명 - MLX92212

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92231 MELEXIS-MLX92231 Datasheet
770Kb / 12P
   3-Wire Hall Effect Switch
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com