전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX91207LDCCAA-015TU 데이터시트(PDF) 10 Page - Melexis Microelectronic Systems

부품명 MLX91207LDCCAA-015TU
상세설명  High Speed Hall Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91207LDCCAA-015TU 데이터시트(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX91207LDCCAA-015TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 13Page - Melexis Microelectronic Systems MLX91207LDCCAA-015TU Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MLX91207
High Speed Hall Sensor IC
39010091207
Page 10 of 21
Data Sheet
Rev. 17
July/12
11.2.5 Sensitivity polarity (PLATEPOL)
The polarity of the sensitivity can be programmed by changing the value of the PLATEPOL bit
PLATEPOL
Polarity
0
Positive
1
Negative
Please note that the factory calibration is done with PLATEPOL=0 . Melexis cannot guarantee the magnetic
specification if this parameter is changed during customer calibration.
11.2.6 Clamping Level Programming (CLAMPLOW, CLAMPHIGH)
The clamping levels limit the maximum and minimum output levels. The clamping levels are ratiometric (if
RATIODIS = 0). The CLAMPLOW parameter adjusts the minimum output voltage level from 5%...10%Vdd.
The CLAMPHIGH parameter sets the maximum output voltage level from 90...95%Vdd.
CLAMPLOW
Minimal output
[%Vdd]
0
4.8
1
5.7
2
6.6
3
7.5
4
84
5
9.3
6
10.2
7
11.2
Table 11: Clamping low level table (typical values)


유사한 부품 번호 - MLX91207LDCCAA-015TU

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

유사한 설명 - MLX91207LDCCAA-015TU

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
   Hall sensor IC
logo
Allegro MicroSystems
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
   High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
   High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
logo
Unisonic Technologies
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com