전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX91205KDCAAH-003TU 데이터시트(PDF) 4 Page - Melexis Microelectronic Systems

부품명 MLX91205KDCAAH-003TU
상세설명  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91205KDCAAH-003TU 데이터시트(HTML) 4 Page - Melexis Microelectronic Systems

  MLX91205KDCAAH-003TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91205KDCAAH-003TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MLX91205
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091205
Page 4 of 14
Data Sheet
Rev 012
June/13
6 MLX91205 General Electrical Specifications
DC Operating Parameters TA = -40
oC to +125oC, V
DD = 5.000V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
Vdd
4.5
5
5.5
V
Supply Current
Idd
Iout=0mA
11
16
mA
Common Output
CO_Out
Referring to VDD/2
-50
VDD/2
+50
mV
Output Current
Iout
-1
1
mA
Output Load Resistance
Rload
5
Output Load Capacitance
Cload
1000
pF
Start-up cycle
Ts
150
μs
Table 3: Electrical specifications
7 MLX91205 Sensor Specific Specifications
7.1 91205 LB: Low Field version 10mT (marking xxL)
DC Operating Parameters TA = -40
oC to 125oC, V
DD = 5.000V, differential output (i.e. Vout = A_out -CO_out),
unloaded. Unless otherwise specified.
Parameter.
Symbol Test Conditions
Min
Typ
Max
Units
Magnetic Sensitivity
S(1)
T=25°C, B = BL
275
280
285
V/T
Magnetic Sensitivity over Temp.
ST(1)
T= -40, 25, 125°C;
See also below 10.2
270
280
290
V/T
Thermal Sensitivity Drift
TC
T= 25°C
<+/-200
ppm/°C
Offset Voltage
Voff
T= 25°C
-20
0
20
mV
Offset Voltage over Temperature
VoffT
T= -40, 25, 125°C;
See also below 11.1
-50
0
50
mV
Linear Magnetic Field Range
BL
-7.5
7.5
mV
Fullscale Magnetic Field Range
BFS
±10
mT
Non Linearity
NL
B<BL
±0.5
%
Hysteresis
Hyst
B<100mT
<±10
μT
Max. Output Voltage Swing
Vout,max B>BFS
5
8
95
%VDD
Response Time
tr
8
μs
Bandwidth (-3 dB) DC to
BW
RLoad>1MΩ; CLoad<10pF
100
kHz
Spectral Noise Density
ΔBnoise
f=10Hz to 10kHz
<125
nT/sqrt(Hz)
Table 4: Sensor specifications 10mT version (low-field version)
Note 1: Ratiometric (proportional to Vdd). The absolute accuracy on magnetic sensitivity trimming is +/- 2%.


유사한 부품 번호 - MLX91205KDCAAH-003TU

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

유사한 설명 - MLX91205KDCAAH-003TU

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX91206 MELEXIS-MLX91206 Datasheet
883Kb / 25P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com