전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90815LUFACA-000WB 데이터시트(PDF) 4 Page - Melexis Microelectronic Systems

부품명 MLX90815LUFACA-000WB
상세설명  Discrete Absolute Pressure Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90815LUFACA-000WB 데이터시트(HTML) 4 Page - Melexis Microelectronic Systems

  MLX90815LUFACA-000WB Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90815LUFACA-000WB Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90815LUFACA-000WB Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90815LUFACA-000WB Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90815LUFACA-000WB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90815LUFACA-000WB Datasheet HTML 6Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MLX90815
Discrete Absolute Pressure Sensor
9.
General Electrical Specifications
DC Operating Parameters TA = 25
oC, V
DD = 5V, Pressure = 20 bar Full Scale unless otherwise specified.
Parameter
Symbol
Min
Max
Units
Sensitivity
S
1.3
1.8
mV/V/bar
Bridge Resistance
Rb
3
5.5
k
Offset
O
-30
30
mV
Non linearity (best fit)
NL
-0.2
0.2
%FS
Thermal Hysteresis
Hyst
-0.2
0.2
%FS
Thermal coefficient of
Span
TCS
-0.23
-0.15
%FS/˚C
Thermal coefficient of
Offset
TCO
-0.06
0.06
%FS/˚C
Thermal coefficient of
bridge resistance
TCR
0.30
0.40
%FS/˚C
Table 3: Electrical specifications
The MLX90815 can also be used with full scale pressures other than 20bar (10 to 30bar). Contact Melexis for
detailed information on the IC performance at different full scale pressures.
10.
Application Information
The MLX90815 is a very reliable discrete absolute pressure sensor fully automotive qualified. Like all Melexis
pressure sensors it has been qualified beyond typical semiconductors qualification standards. For harsh
media applications the MLX90815 can be used in a fluid filled housing.
If the application requires an amplified conditioned output the MLX90815 can be used in combination with
Melexis sensor interfaces IC like the MLX90328 and the MLX90329. By programming some calibration
settings in the sensor interface IC the sensitivity and offset variations from part to part as well as their
variations over temperature can be compensated for.
3901090815
Page 4 of 6
Data Sheet
Rev 1
Dec 2014


유사한 부품 번호 - MLX90815LUFACA-000WB

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90816 MELEXIS-MLX90816 Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816LUFABA-000WB MELEXIS-MLX90816LUFABA-000WB Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90817 MELEXIS-MLX90817 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
MLX90817KXEDBH-008RE MELEXIS-MLX90817KXEDBH-008RE Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
MLX90817LXE-DBG-010 MELEXIS-MLX90817LXE-DBG-010 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
More results

유사한 설명 - MLX90815LUFACA-000WB

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90816 MELEXIS-MLX90816 Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
    Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
   Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
   Absolute Pressure Sensor
November 2007 Rev 1.02
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
   Absolute Pressure Sensor
Rev 2.14, 2007-11-23
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
   ABSOLUTE PRESSURE SENSOR
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
   Absolute Pressure Sensor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com