전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3211 데이터시트(PDF) 2 Page - Hitachi Semiconductor

부품명 2SK3211
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3211 데이터시트(HTML) 2 Page - Hitachi Semiconductor

  2SK3211 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3211 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SK3211
2
Outline
1. Gate
2. Drain
3. Source
4. Drain
1
2
3
4
1
2
3
4
LDPAK
G
D
S
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
200
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
25
A
Drain peak current
I
D(pulse)*
1
100
A
Body-drain diode reverse drain current
I
DR
25
A
Avalanche current
I
AP *
3
25
A
Avalanche energy
E
AR*
3
41
mJ
Channel dissipation
Pch *
2
100
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω


유사한 부품 번호 - 2SK3211

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3211 RENESAS-2SK3211 Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3211 RENESAS-2SK3211 Datasheet
239Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
2SK3211(L) RENESAS-2SK3211(L)_15 Datasheet
115Kb / 11P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK3211L VBSEMI-2SK3211L Datasheet
915Kb / 6P
   N-Channel 200V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3211L ISC-2SK3211L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK3211

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com