전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSPW1653JTE-50Z 데이터시트(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSPW1653JTE-50Z
상세설명  High Efficiency , Power LED
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSPW1653JTE-50Z 데이터시트(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button GSPW1653JTE-50Z Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-50Z Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Page 8
GSPW16□3J Series
High Efficiency , Power LED
Sorting Chart for Chromaticity Coordinates
Please contact our sales concerning rank designation.
Tolerance Each Rank :+/-0.01
(Ta=25℃,Tj=40℃, IF=350mA)
Rank
CCT
ccx
ccy
0.3205
0.3481
0.3117
0.3393
0.3131
0.3290
0.3213
0.3371
0.3213
0.3371
0.3131
0.3290
0.3145
0.3187
0.3221
0.3261
0.3117
0.3393
0.3028
0.3304
0.3048
0.3209
0.3131
0.3290
0.3131
0.3290
0.3048
0.3209
0.3068
0.3113
0.3145
0.3187
0.3166
0.3384
0.3081
0.3299
0.3098
0.3200
0.3177
0.3277
65D
6500K
65B
6500K
65C
6500K
65G
6500K
65A
6500K
2012.11.27


유사한 부품 번호 - GSPW1653JTE-50Z

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GSPW1651NCSE-14-TR STANLEY-GSPW1651NCSE-14-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
GSPW1651NPSE-11-TR STANLEY-GSPW1651NPSE-11-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
GSPW1651NPSE-12-TR STANLEY-GSPW1651NPSE-12-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
GSPW1651NSE-20Y-TR STANLEY-GSPW1651NSE-20Y-TR Datasheet
745Kb / 24P
   White color emitting LED
GSPW1651NSE-20Y-TR STANLEY-GSPW1651NSE-20Y-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
More results

유사한 설명 - GSPW1653JTE-50Z

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GTEW1646JTE-50X-TR STANLEY-GTEW1646JTE-50X-TR Datasheet
899Kb / 26P
   High efficiency and high power LED
logo
Power IC Ltd.
PS1313 PICSEMI-PS1313 Datasheet
171Kb / 9P
   High Efficiency, High Power White-LED Driver
logo
AUK corp
SHE114RC AUK-SHE114RC_1 Datasheet
269Kb / 4P
   High Efficiency LED Lamp
SHE123YF AUK-SHE123YF_1 Datasheet
187Kb / 4P
   High Efficiency LED Lamp
SHE144AF AUK-SHE144AF Datasheet
235Kb / 4P
   High Efficiency LED Lamp
SHE145AF AUK-SHE145AF Datasheet
199Kb / 4P
   High Efficiency LED Lamp
SHE124PGHE AUK-SHE124PGHE Datasheet
270Kb / 5P
   High Efficiency LED Lamp
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
logo
AUK corp
SHE114RC AUK-SHE114RC Datasheet
268Kb / 4P
   High Efficiency LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com