전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSPW1653JTE-30X 데이터시트(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSPW1653JTE-30X
상세설명  High Efficiency , Power LED
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSPW1653JTE-30X 데이터시트(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button GSPW1653JTE-30X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. GSPW1653JTE-30X Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Page 9
2.5
3
3.5
4
-50
0
50
100
Technical Data
Spatial Distribution Example
(GSPW16□3JTE)
Condition: Ta = 25℃
Forward Voltage vs. Forward Current
(GSPW16□3JTE)
Condition: Ta = 25℃
Forward Voltage VF(V)
Ambient Temperature vs. Forward Voltage
(GSPW16□3JTE)
Condition : IF=350mA
Ambient Temperature : Ta(℃)
GSPW16□3J Series
High Efficiency , Power LED
Derating
(GSPW16□3JTE)
Ambient Temperature : Ta(℃)
0
100
200
300
400
500
600
700
800
900
-40
-20
0
204060
80
100
Rth(j-a)=50℃/W
Rth(j-a)=60℃/W
Rth(j-a)=40℃/W
10
100
1000
2.5
3
3.5
Δθx、Δθy
2012.11.27


유사한 부품 번호 - GSPW1653JTE-30X

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GSPW1651NCSE-14-TR STANLEY-GSPW1651NCSE-14-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
GSPW1651NPSE-11-TR STANLEY-GSPW1651NPSE-11-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
GSPW1651NPSE-12-TR STANLEY-GSPW1651NPSE-12-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
GSPW1651NSE-20Y-TR STANLEY-GSPW1651NSE-20Y-TR Datasheet
745Kb / 24P
   White color emitting LED
GSPW1651NSE-20Y-TR STANLEY-GSPW1651NSE-20Y-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
More results

유사한 설명 - GSPW1653JTE-30X

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GTEW1646JTE-50X-TR STANLEY-GTEW1646JTE-50X-TR Datasheet
899Kb / 26P
   High efficiency and high power LED
logo
Power IC Ltd.
PS1313 PICSEMI-PS1313 Datasheet
171Kb / 9P
   High Efficiency, High Power White-LED Driver
logo
AUK corp
SHE114RC AUK-SHE114RC_1 Datasheet
269Kb / 4P
   High Efficiency LED Lamp
SHE123YF AUK-SHE123YF_1 Datasheet
187Kb / 4P
   High Efficiency LED Lamp
SHE144AF AUK-SHE144AF Datasheet
235Kb / 4P
   High Efficiency LED Lamp
SHE145AF AUK-SHE145AF Datasheet
199Kb / 4P
   High Efficiency LED Lamp
SHE124PGHE AUK-SHE124PGHE Datasheet
270Kb / 5P
   High Efficiency LED Lamp
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
logo
AUK corp
SHE114RC AUK-SHE114RC Datasheet
268Kb / 4P
   High Efficiency LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com