전자부품 데이터시트 검색엔진 |
|
AM3G-1212S-NZ 데이터시트(PDF) 3 Page - AIMTEC |
|
AM3G-1212S-NZ 데이터시트(HTML) 3 Page - AIMTEC |
3 / 5 page Series AM3G-NZ 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R8.E 3 of 5 North America only Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 60sec, <1mA 1500, 3000 VDC Resistance > 1000 MOhm Capacitance 100kHz, 1V 50 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy 5 to 100% load ±2 % No Load Voltage accuracy ±5 Voltage balance Dual Output balanced load ±1 % Short Circuit Protection Continuous Short Circuit Restart Auto-recovery Line voltage regulation LL~HL ±0.5 % Load voltage regulation load 5~100% ±0.6 % Temperature coefficient ±0.02 %/oC Transient Recovery Time 25% load step 2 msec Transient Response Deviation 25% load step ±5 % Ripple At 20MHz Bandwidth 50 mV p-p Noise At 20MHz Bandwidth 80 mV p-p General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 250 KHz Operating temperature With derating above 85oC -40 to +100 oC Storage temperature -55 to +125 oC Case Temperature 105 oC Lead Temperature 1.5mm from case for 10 Seconds 300 oC Cooling Free air convection Humidity 95 % Case material Plastic (UL94V-0 rated) Weight 4.9 g Dimensions (L x Wx H) 0.87 x 0.37 x 0.47 inch, 22 x 9.5 x 12 mm MTBF >1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Pin Out Specifications Dimensions Pin Single Dual 1 - V Input - V Input 2 + V Input + V Input 3 On/Off Control On/Off Control 5 N.C. N.C. 6 + V Output + V Output 7 - V Output Common 8 CS - V Output 2.50 (0.98) 12.00 (0.47) 22.00 (0.87) 0.50 (0.02) 0.50 (0.02) 4.10 (0.16) 2.54 (0.10) 2.10 (0.08) 12 3 5 6 7 9.50 (0.37) 0.300 (0.012) 0.50 (0.02) 9.50 (0.37) PRINTED FACE 12.00 (0.47) 8 |
유사한 부품 번호 - AM3G-1212S-NZ |
|
유사한 설명 - AM3G-1212S-NZ |