전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM2D-0509SH30Z 데이터시트(PDF) 10 Page - AIMTEC

부품명 AM2D-0509SH30Z
상세설명  2 Watt | DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0509SH30Z 데이터시트(HTML) 10 Page - AIMTEC

Back Button AM2D-0509SH30Z Datasheet HTML 3Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 4Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 5Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 6Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 7Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 8Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 9Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 10Page - AIMTEC AM2D-0509SH30Z Datasheet HTML 11Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Series AM2D-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
10 of 11
North America only
Vin
C1
L1
C2
C3
3Vin
2.2 µF/100V
18 µH
-
-
5Vin
2.2 µF/100V
18 µH
-
-
12Vin
2.2 µF/100V
18 µH
-
-
15Vin
2.2 µF/100V
18 µH
-
-
24Vin
2.2 µF/100V
18 µH
2.2 µF/100V
470 pF/2kV
48Vin
10 µF/100V *
18 µH
2.2 µF/100V
470 pF/2kV
* Electrolytic Type
Typical Efficiency Chart Examples
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM2D‐0505SZ Efficiency vs. Loading
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM2D‐1205SZ Efficiency vs. Loading


유사한 부품 번호 - AM2D-0509SH30Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2D-0509SH30Z AIMTEC-AM2D-0509SH30Z Datasheet
292Kb / 7P
   2 Watt | DC-DC Converter
More results

유사한 설명 - AM2D-0509SH30Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com