전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX92292 데이터시트(PDF) 10 Page - Melexis Microelectronic Systems

부품명 MLX92292
상세설명  關-Power Programmable ASIL B capable Hall Effect Switch/Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92292 데이터시트(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX92292 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MLX92292
µ-Power Programmable ASIL B capable
Hall Effect Switch/Latch
µ-Power Programmable ASIL B Hall S/L
Page 10 of 11
Abstract
Rev. 1.1
Sept 11, 2015
6.2 SE (TSOT-3L) Package Information
2. 75 BSC
1. 60 BSC
0.88
+0. 02
- 0. 03
1.0 0 MAX
0. 075
+0. 025
- 0. 050
SEATING PLANE
0. 575 REF.
0. 40
+/-0. 10
0. 50 BSC
WITH PLATING
~
BASE METAL
SECTION B -
B’
B
B’
Notes:
1 . All dimensions are in millimeters
2 . Outermost plastic extreme width does not include mold flash or
protrusions . Mold flash and protrusions shall not exceed 0.15 mm
per side.
3 . Outermost plastic extreme length does not include mold flash or
protrusions . Mold flash and protrusions shall not exceed 0.25 mm
per side.
4 . The lead width dimension does not include dambar protrusion
.
Allowable dambar protrusion shall be 0. 07 mm total in excess of the
lead width dimension at maximum material condition
.
5 . Dimension is the length of terminal for soldering to a substrate
.
6 . Dimension on SECTION B -
B’ applies to the flat section of the lead
between 0. 08 mm and 0. 15 mm from the lead tip.
7 . Formed lead shall be planar with respect to one another with
0. 076 mm at seating plane.
Marking:
TBD
see note 2
see note 5
12 ° REF .
TYP.
0.35
+0. 05
- 0. 10
0.30
0.45
0. 10 R .
MIN.
+/-4
0. 10 R .
MIN.
see note 6
SEATING PLANE
TOP VIEW
END VIEW
SIDE VIEW
Hall plate location
Notes:
1. All dimensions are in millimeters
TOP VIEW
END VIEW
Package line
1.45
0.28
SE Pin №
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
OUT
I/O
Output&Test I/O
3
GND
Ground
Ground pin
Table 2: SE Package pinout


유사한 부품 번호 - MLX92292

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92291 MELEXIS-MLX92291 Datasheet
1Mb / 30P
   3-wire 關Power programmable ASIL B capable Hall Effect Latch/Switch
More results

유사한 설명 - MLX92292

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92291 MELEXIS-MLX92291 Datasheet
1Mb / 30P
   3-wire 關Power programmable ASIL B capable Hall Effect Latch/Switch
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Clare, Inc.
MX887D CLARE-MX887D Datasheet
271Kb / 6P
   關Power Hall-Effect Switch
MX887P CLARE-MX887P Datasheet
272Kb / 6P
   關Power Hall-Effect Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com