전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX92241-AAA 데이터시트(PDF) 5 Page - Melexis Microelectronic Systems

부품명 MLX92241-AAA
상세설명  2-Wire Hall Effect Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92241-AAA 데이터시트(HTML) 5 Page - Melexis Microelectronic Systems

  MLX92241-AAA Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92241-AAA Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MLX92241-AAA
2-Wire Hall Effect Switch
390109224100 Rev. 1
Page 5 of 16
June/13
4 General Electrical Specifications
DC Operating Parameters VDD = 2.7 to 24V, TJ = -40°C to 165°C (unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ
(1)
Max
Units
Supply Voltage
VDD
Operating
2.7
-
24
V
Reverse Supply Current
IDDREV
VDD = -16V
1
mA
OFF Supply Current
IOFFLow
VDD = 3.5 to 24V
2
3.3
5
mA
OFF Supply Current
IOFFHigh
VDD = 3.5 to 24V
5
6
6.9
mA
ON Supply Current
ION
VDD = 3.5 to 24V
12
14.5
17
mA
Safe Mode Supply Current
ITP
Thermal Protection activated
-
-
0.8
mA
Supply Current Rise/Fall Time (2)
tRISE/FALL
VDD = 12V, CLOAD = 50pF to GND
0.1
0.3
1
μs
Power-On Time (3,4,5)
tON
VDD = 5V, dVDD/dt > 2V/us
-
40
70
μs
Chopping Frequency
fCHOP
260
340
-
kHz
Delay time (2,6)
tD
Average value for 1000 successive
switching events @10kHz, Square wave
with B ≥ 3*BOPMAX, tRISE = tFALL ≤20us
-
7.5
-
µs
Output Jitter (p-p) (2,7)
tJITTER
Square wave with B ≥ 3*BOPMAX over
1000 successive switching events
@1kHz
-
±3.3
-
µs
Maximum Switching Frequency (2,8)
fSW
B ≥ 3*BOPMAX and square wave
magnetic field
30
50
-
kHz
Under-voltage Lockout Threshold
VUVL
-
2
2.7
V
Under-voltage Lockout Reaction
time (2)
tUVL
-
1
-
µs
Thermal Protection Threshold
TPROT
Junction temperature
-
190 (9)
-
°C
Thermal Protection Release
TREL
Junction temperature
-
180 (9)
-
°C
Safe Mode Supply Current
ITP
Thermal Protection activated
-
-
0.8
mA
UA Package Thermal Resistance
RTH
Single layer (1S) Jedec board, zero
LFPM
200
°C/W
TSOT Package Thermal Resistance RTH
Single layer (1S) Jedec board, zero
LFPM
300
°C/W
1 Typical values are defined at T
A = +25°C and VDD = 12V
2 Guaranteed by design and verified by characterization, not production tested
3 The Power-On Time represents the time from reaching V
DD = VPOR to the first refresh of the supply current state.
4 Power-On Slew Rate is not critical for the proper device start-up.
5 B>B
OPmax + 1 mT for direct output sensors, or B<BRPmin - 1 mT.
6 Delay Time is the time from magnetic threshold reached to the start of the supply current switching.
7 Output jitter is the unpredictable deviation of the Delay time
8 Maximum switching frequency corresponds to the maximum frequency of the applied magnetic field which is detected without loss of pulses
9 T
PROT and TREL are the corresponding junction temperature values.


유사한 부품 번호 - MLX92241-AAA

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
More results

유사한 설명 - MLX92241-AAA

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
3161 ALLEGRO-3161_02 Datasheet
145Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
A3163 ALLEGRO-A3163 Datasheet
162Kb / 10P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
3161 ALLEGRO-3161 Datasheet
169Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
[Old version datasheet]   TMAG5124 Hall Effect Switch With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com