전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX92232LUA-AAA-002-BU 데이터시트(PDF) 6 Page - Melexis Microelectronic Systems

부품명 MLX92232LUA-AAA-002-BU
상세설명  End of line programmable Hall-effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92232LUA-AAA-002-BU 데이터시트(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX92232LUA-AAA-002-BU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MLX92232
End of line programmable Hall-effect Latch / Switch
3901092232 – REV 2
Page 6 of 12
Nov/14
6 Programming parameters
Parameter
Symbol Comments
Value Units
BOP programming resolution
BOPFINE
Fine programming of thresholds BOP (Switch) and BLTH (Latch)
7
Bit
BOP sub-range
BOPRANGE Selection of the appropriate Switch sensor sub-range
2
Bit
BLTH sub-range
BOPRANGE Selection of the appropriate Latch sensor sub-range
3
Bit
Programmable Hysteresis
BHYST
Hysteresis can be fixed or proportional (ratiometric)
4
Bit
Active Pole Selection
BPOLE
Part can be programmed for South (default) or North magnetic pole active
1
Bit
Output Polarity Selection
PolOUT
Selects Direct or Inverted sensor Output Polarity
1
Bit
Switch/Latch Function Selection
Selects Latch (default) or Switch sensor function
1
Bit
Melexis programmed ID
ID
A unique fixed ID is implemented for device traceability, no overwriting allowed
32
Bit
Table 4: Programmable Parameters
7 Magnetic Behaviour
7.1 Definitions:
Operation Point BOP – magnetic threshold for activation of the device output, turning in ON (low) state.
Release Point BRP – magnetic threshold for release of the device output, turning in OFF (high) state).
Hysteresis BHYS – magnetic hysteresis, BHYS = BOP - BRP
United Latch Threshold BLTH – used for Latch sensor programming:
BLTH = (BOP - BRP)/2 = BHYS /2 , targeting symmetrical placement of both Latch sensor thresholds vs. zero BRP ≈ -BOP
Proportional Hysteresis to Operation Point Ratio
– used for Switch sensor with proportional hysteresis:
HYSRATIO = BHYS / BOP
7.2 Latch sensor
Parameter
Pole Active
Remark
Option 1
South
Fig.1
Option 3
North
Fig.2
Note: Latch sensors are inherently Direct South or Direct North Pole Active only.
Flux density
Output level
BOP
BRP
0mT
VOUT = VPULL-UP
VOUT = VOL
Flux density
Output level
BOP
BRP
0mT
VOUT = VPULL-UP
VOUT = VOL
Fig.1
–South Pole Active
Fig.2
–North Pole Active


유사한 부품 번호 - MLX92232LUA-AAA-002-BU

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92232LUA-AAA-002-BU MELEXIS-MLX92232LUA-AAA-002-BU Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
More results

유사한 설명 - MLX92232LUA-AAA-002-BU

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com