전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX92221LSE-AAA-xxx-RE 데이터시트(PDF) 3 Page - Melexis Microelectronic Systems

부품명 MLX92221LSE-AAA-xxx-RE
상세설명  2-Wire Hall Effect Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92221LSE-AAA-xxx-RE 데이터시트(HTML) 3 Page - Melexis Microelectronic Systems

  MLX92221LSE-AAA-xxx-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92221LSE-AAA-xxx-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MLX92221-AAA
2-Wire Hall Effect Latch
390109224100 Rev. 1
Page 3 of 14
June/13
3 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
(1, 2)
VDD
+27V
V
Supply Current
(1, 2, 3)
IDD
+20
mA
Supply Current
(1, 3, 4)
IDD
+50
mA
Reverse Supply Voltage
(1, 2)
VDDREV
-24
V
Reverse Supply Current
(1, 2, 5)
IDDREV
-20
mA
Reverse Supply Current
(1, 4, 5)
IDDREV
-50
mA
Maximum Junction Temperature
(6)
TJ
+165
C
Operating Temperature Range
TA
-40 to 150
C
Storage Temperature Range
TS
-55 +165
C
ESD Sensitivity
– HBM
(7)
-
3000
V
ESD Sensitivity
– MM
(8)
-
400
V
ESD Sensitivity
– CDM
(9)
-
1000
V
Magnetic Flux Density
B
Unlimited
mT
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
1 The maximum junction temperature should not be exceeded
2 For maximum 1 hour
3 Including current through protection device
4 For maximum 1000 ms
5 Through protection device
6 For 1000 hours.
7 Human Model according AEC-Q100-002 standard
8 Machine Model according AEC-Q100-003 standard
9 Charged Device Model according AEC-Q100-011 standard


유사한 부품 번호 - MLX92221LSE-AAA-xxx-RE

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
More results

유사한 설명 - MLX92221LSE-AAA-xxx-RE

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com