전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC3GU04 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AHC3GU04
상세설명  high-speed Si-gate CMOS device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC3GU04 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC3GU04 Datasheet HTML 6Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 7Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 8Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 9Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 10Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 11Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 12Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 13Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
9397 750 12754
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2004
10 of 17
Philips Semiconductors
74AHC3GU04
Inverter
13.2 Forward transconductance
14. Application information
Some applications are:
Linear amplifier see Figure 12
In crystal oscillator design see Figure 13.
Remark: All values given are typical unless otherwise specified.
gfs = ∆IO/∆VI; VO is constant.
Fig 10. Test set-up for measuring forward transconductance.
At Tamb =25 °C.
Fig 11. Typical forward transconductance as a function of the supply voltage.
mna050
VCC
Rbias = 560 kΩ
input
0.47
µF
100
µF
output
A
GND
IO
VI
(f = 1 kHz)
0246
40
30
10
0
20
mna400
VCC (V)
gfs
(mA/V)


유사한 부품 번호 - 74AHC3GU04

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC3GU04 NXP-74AHC3GU04 Datasheet
177Kb / 15P
   Inverter
Rev. 04-7 January 2010
logo
Nexperia B.V. All right...
74AHC3GU04 NEXPERIA-74AHC3GU04 Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
74AHC3GU04-Q100 NEXPERIA-74AHC3GU04-Q100 Datasheet
233Kb / 13P
   Triple unbuffered inverter
logo
NXP Semiconductors
74AHC3GU04DC NXP-74AHC3GU04DC Datasheet
177Kb / 15P
   Inverter
Rev. 04-7 January 2010
logo
Nexperia B.V. All right...
74AHC3GU04DC NEXPERIA-74AHC3GU04DC Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
More results

유사한 설명 - 74AHC3GU04

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
XC7SET32 PHILIPS-XC7SET32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-3 September 2009
XC7SH32 PHILIPS-XC7SH32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-2 September 2009
XC7SH02 PHILIPS-XC7SH02 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-7 September 2009
XC7SET02 PHILIPS-XC7SET02 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-31 August 2009
XC7SH08 PHILIPS-XC7SH08 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
XC7SH86 PHILIPS-XC7SH86 Datasheet
75Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
XC7SET86 PHILIPS-XC7SET86 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com