전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90615 데이터시트(PDF) 7 Page - Melexis Microelectronic Systems

부품명 MLX90615
상세설명  Infra Red Thermometer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90615 데이터시트(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90615_13 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
MLX90615
Infra Red Thermometer
3901090615
Page 7 of 32
Data Sheet
Rev 005
08 November 2013
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SMBus compatible 2-wire interface
*
Input high voltage
VIH(TA,V)
Over temperature and supply
VDD-0.1
V
Input low voltage
VIL(TA,V)
Over temperature and supply
0.6
V
Output low voltage
VOL
Over temperature and supply,
Isink = 2mA
0.2
V
SCL,SDA leakage
Ileak
VSCL=VDD, VSDA=VDD, TA =+85°C
0.25
µ
A
SCL capacitance
CSCL
10
pF
SDA capacitance
CSDA
10
pF
Slave address
SA
Factory default
5B
hex
WakeUp Request
twake
SCL low
21
39
ms
SMBus Request
tREQ
SCL low
39
ms
Timeout, low
Timeout,L
SCL low
21
39
ms
Timeout, high
Timeout,H
SCL high
52
78
µ
s
Acknowledge setup time
Tsuac(MD)
8-th SCL falling edge, Master
1.5
µ
s
Acknowledge hold time
Thdac(MD)
9-th SCL falling edge, Master
1.5
µ
s
Acknowledge setup time
Tsuac(SD)
8-th SCL falling edge, Slave
2.5
µ
s
Acknowledge hold time
Thdac(SD)
9-th SCL falling edge, Slave
1.5
µ
s
Table 5 Electrical specification parameters of the MLX90615 (continued)
Notes: All the communication and refresh rate timings are given for the nominal calibrated HFO frequency and
will vary with this frequency’s variations.
*SMBus compatible interface is described in details in the SMBus detailed description section. Maximum
number of MLX90615 devices on one bus is 127, higher pull-up currents are recommended for higher number of devices,
faster bus data transfer rates, and increased reactive loading of the bus.
MLX90615 is always a slave device on the bus. MLX90615 can work in both low-power and high-power SMBus
communication.
All voltages are with respect to the Vss (ground) unless otherwise noted.


유사한 부품 번호 - MLX90615_13

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90615SSG MELEXIS-MLX90615SSG Datasheet
1Mb / 2P
   Ultra Small, Intelligent Non Contact IR Thermometer
More results

유사한 설명 - MLX90615_13

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com