전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90615SSG-DAG-000-TU 데이터시트(PDF) 2 Page - Melexis Microelectronic Systems

부품명 MLX90615SSG-DAG-000-TU
상세설명  Infra Red Thermometer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90615SSG-DAG-000-TU 데이터시트(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90615SSG-DAG-000-TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90615SSG-DAG-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MLX90615
Infra Red Thermometer
3901090615
Page 2 of 32
Data Sheet
Rev 005
08 November 2013
General description (continued)
The MLX90615 is built from 2 chips, the Infra Red thermopile detector and the signal conditioning
chip MLX90325, specially designed by Melexis to process the output of IR sensor.
The device is available in an industry standard TO-46 package.
Thanks to the low noise amplifier, high resolution 16-bit ADC and powerful DSP unit of the
MLX90325, Melexis is able to deliver a high accuracy and high resolution infrared thermometer. The
calculated object and ambient temperatures are available in the RAM memory of the MLX90325 with a
resolution of 0.02˚C. The values are accessible by 2 wire serial SMBus compatible protocol with a resolution
of 0.02°C or via a 10-bit PWM (Pulse Width Modulated) signal from the device.
The MLX90615 is factory calibrated in standard temperature ranges from: -40...85˚C for the ambient
temperature and from -40...115˚C for the object temperature.
As a standard, the MLX90615 is delivered with a programmed object emissivity of 1. It can be easily
customized by the customer for any other emissivity in the range 0.1...1.0 without the need of recalibration
with a black body.
The MLX90615 can be battery powered.
An optical filter (5.5µm …14µm long-wave pass) that cuts off the visible and near infra-red radiant
flux is integrated in the package to make the sensor insensitive to visible light.


유사한 부품 번호 - MLX90615SSG-DAG-000-TU

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90615SSG MELEXIS-MLX90615SSG Datasheet
1Mb / 2P
   Ultra Small, Intelligent Non Contact IR Thermometer
More results

유사한 설명 - MLX90615SSG-DAG-000-TU

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com