전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4N-1215SH50Z 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM4N-1215SH50Z
상세설명  4 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4N-1215SH50Z 데이터시트(HTML) 1 Page - AIMTEC

  AM4N-1215SH50Z Datasheet HTML 1Page - AIMTEC AM4N-1215SH50Z Datasheet HTML 2Page - AIMTEC AM4N-1215SH50Z Datasheet HTML 3Page - AIMTEC AM4N-1215SH50Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM4N-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 4
North America only
FEATURES:
RoHS compliant
Operating temperature -40oC to + 85oC
±20% Input voltage range
5KVAC highest reinforced input/ output isolation
Low ripple and noise
Pin compatible with multiple manufacturers
High efficiency up to 81%
Continuous short circuit protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VAC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM4N-0503SH50Z
4-6
3.3
700
5000
470
74
AM4N-0505SH50Z
4-6
5
700
5000
470
78
AM4N-0512SH50Z
4-6
12
291
5000
220
80
AM4N-0515SH50Z
4-6
15
233
5000
220
79
AM4N-1203SH50Z
9.6-14.4
3.3
700
5000
470
76
AM4N-1205SH50Z
9.6-14.4
5
700
5000
470
80
AM4N-1212SH50Z
9.6-14.4
12
291
5000
220
81
AM4N-1215SH50Z
9.6-14.4
15
233
5000
220
81
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
4-6
9.6-14.4
VDC
Filter
Capacitors
Start up time
75
ms
Absolute Maximum Rating
5 Vin
12 Vin
0-7
0-15
VDC
No Load Input Current
80
115
mA
Input reflected current(pk-pk)
35
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
5000
VAC
Resistance
1000
MOhm
Capacitance
50
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short circuit restart
Autorecovery
Short Circuit consumption
W
Line voltage regulation
±0.2
% of Vin
Load voltage regulation
From 10% to 100% Load
±0.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
85
mV p-p
Minimum Load Current
10
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
570
KHz
Operating temperature
-40 to +85 (full load without derating)
oC
Storage temperature
-55 to +125
oC
Click on Series name for product info on aimtec.com


유사한 부품 번호 - AM4N-1215SH50Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM4N-1215SH50Z AIMTEC-AM4N-1215SH50Z Datasheet
157Kb / 4P
   4 Watt | DC-DC Converter
More results

유사한 설명 - AM4N-1215SH50Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com