전자부품 데이터시트 검색엔진 |
|
74HC2G00DC 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
74HC2G00DC 데이터시트(HTML) 5 Page - NXP Semiconductors |
5 / 16 page 2003 Feb 12 5 Philips Semiconductors Product specification Dual 2-input NAND gate 74HC2G00; 74HCT2G00 RECOMMENDED OPERATING CONDITIONS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Above 110 °C the value of P D derates linearly with 8 mW/K. SYMBOL PARAMETER CONDITIONS 74HC2G00 74HCT2G00 UNIT MIN. TYP. MAX. MIN. TYP. MAX. VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 − VCC 0 − VCC V VO output voltage 0 − VCC 0 − VCC V Tamb operating ambient temperature see DC and AC characteristics per device −40 +25 +125 −40 +25 +125 °C tr,tf input rise and fall times VCC = 2.0 V −− 1000 −−− ns VCC = 4.5 V − 6.0 500 − 6.0 500 ns VCC = 6.0 V −− 400 −−− ns SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage −0.5 +7.0 V IIK input diode current VI < −0.5 V or VI >VCC + 0.5 V; note 1 −±20 mA IOK output diode current VO < −0.5 V or VO >VCC + 0.5 V; note 1 −±20 mA IO output source or sink current −0.5V<VO <VCC + 0.5 V; note 1 − 25 mA ICC VCC or GND current note 1 − 50 mA Tstg storage temperature −65 +150 °C PD power dissipation per package for temperature range from −40 to +125 °C; note 2 − 300 mW |
유사한 부품 번호 - 74HC2G00DC |
|
유사한 설명 - 74HC2G00DC |