전자부품 데이터시트 검색엔진 |
|
AM4T-4803SZ 데이터시트(PDF) 3 Page - AIMTEC |
|
AM4T-4803SZ 데이터시트(HTML) 3 Page - AIMTEC |
3 / 5 page Series AM4T-Z 4 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.E 3 of 5 North America only Models Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Capacitive load, max (μF) Efficiency (%) AM4T-2407DH35Z 18-36 ±7.2 ±270 ±220 80 AM4T-2409DH35Z 18-36 ±9 ±220 ±220 80 AM4T-2412DH35Z 18-36 ±12 ±160 ±100 82 AM4T-2415DH35Z 18-36 ±15 ±130 ±47 80 AM4T-2418DH35Z 18-36 ±18 ±110 ±22 80 AM4T-2424DH35Z 36-72 ±24 ±80 ±22 79 AM4T-4803DH35Z 36-72 ±3.3 ±600 ±680 73 AM4T-4805DH35Z 36-72 ±5 ±400 ±470 79 AM4T-4807DH35Z 36-72 ±7.2 ±270 ±220 80 AM4T-4809DH35Z 36-72 ±9 ±220 ±220 80 AM4T-4812DH35Z 36-72 ±12 ±160 ±100 82 AM4T-4815DH35Z 36-72 ±15 ±130 ±47 80 AM4T-4818DH35Z 36-72 ±18 ±110 ±22 80 AM4T-4824DH35Z 36-72 ±24 ±80 ±22 79 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-9 VDC 12 9-18 24 18-36 48 36-72 Filter (Pi) Network Turn on Transient process time 350 ms Start up time 500 ms Absolute Maximum Rating 5 Vin -0.7-15 VDC 12 Vin -0.7-24 24 Vin -0.7-40 48 Vin -0.7-80 Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 or 3500 VDC Resistance > 1000 MOhm Capacitance 470 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance Balanced Load ±1 % Short circuit protection Continuous Short circuit restart Auto Recovery Over current protection 120% Iout max Line voltage regulation (Single) ±0.5 % Line voltage regulation (Dual) ±0.5 % Load voltage regulation (Single) 0 – 100% load ±0.5 % Load voltage regulation (Single) 3.3V output model 0 – 100% load ±1.5 % Load voltage regulation (Dual) 0 – 100% load ±0.5 % Load voltage regulation (Dual) ±3.3V output model 0 – 100% load ±1.5 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 60 mV p-p Rising time 10 ms |
유사한 부품 번호 - AM4T-4803SZ |
|
유사한 설명 - AM4T-4803SZ |