전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM5T-4809DH35-VZ 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM5T-4809DH35-VZ
상세설명  5 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-4809DH35-VZ 데이터시트(HTML) 1 Page - AIMTEC

  AM5T-4809DH35-VZ Datasheet HTML 1Page - AIMTEC AM5T-4809DH35-VZ Datasheet HTML 2Page - AIMTEC AM5T-4809DH35-VZ Datasheet HTML 3Page - AIMTEC AM5T-4809DH35-VZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM5T-VZ
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.I
1 of 4
North America only
FEATURES:
Models
Single output
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM5T-1205D-VZ
9-18
±5
±500
±1000
72
AM5T-1209D-VZ
9-18
±9
±277
±220
76
AM5T-1212D-VZ
9-18
±12
±208
±220
77
AM5T-1215D-VZ
9-18
±15
±166
±220
77
AM5T-1224D-VZ
9-18
±24
±104
±100
80
AM5T-2405D-VZ
18-36
±5
±500
±1000
74
AM5T-2409D-VZ
18-36
±9
±277
±220
76
AM5T-2412D-VZ
18-36
±12
±208
±220
78
AM5T-2415D-VZ
18-36
±15
±166
±220
78
AM5T-2424D-VZ
18-36
±24
±104
±100
75
AM5T-4805D-VZ
36-72
±5
±500
±1000
76
 Wide 2:1 input range
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / Output isolation 1500 & 3500 VDC
 Metal package
 Pin compatible with multiple manufacturers
 High efficiency up to 80%
 Continuous short circuit protection
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM5T-1205S-VZ
9-18
5
1000
2200
74
AM5T-1209S-VZ
9-18
9
555
470
77
AM5T-1212S-VZ
9-18
12
416
470
78
AM5T-1215S-VZ
9-18
15
333
470
78
AM5T-1224S-VZ
9-18
24
208
220
75
AM5T-2405S-VZ
18-36
5
1000
2200
75
AM5T-2409S-VZ
18-36
9
555
470
76
AM5T-2412S-VZ
18-36
12
416
470
77
AM5T-2415S-VZ
18-36
15
333
470
78
AM5T-2424S-VZ
18-36
24
208
220
76
AM5T-4805S-VZ
36-72
5
1000
2200
77
AM5T-4809S-VZ
36-72
9
555
470
78
AM5T-4812S-VZ
36-72
12
416
470
80
AM5T-4815S-VZ
36-72
15
333
470
80
AM5T-4824S-VZ
36-72
24
208
220
77
AM5T-1205SH35-VZ
9-18
5
1000
2200
74
AM5T-1209SH35-VZ
9-18
9
555
470
77
AM5T-1212SH35-VZ
9-18
12
416
470
78
AM5T-1215SH35-VZ
9-18
15
333
470
78
AM5T-1224SH35-VZ
9-18
24
208
220
75
AM5T-2405SH35-VZ
18-36
5
1000
2200
75
AM5T-2409SH35-VZ
18-36
9
555
470
76
AM5T-2412SH35-VZ
18-36
12
416
470
77
AM5T-2415SH35-VZ
18-36
15
333
470
78
AM5T-2424SH35-VZ
18-36
24
208
220
76
AM5T-4805SH35-VZ
36-72
5
1000
2200
77
AM5T-4809SH35-VZ
36-72
9
555
470
78
AM5T-4812SH35-VZ
36-72
12
416
470
80
AM5T-4815SH35-VZ
36-72
15
333
470
80
AM5T-4824SH35-VZ
36-72
24
208
220
77
Click on Series name for product info on aimtec.com


유사한 부품 번호 - AM5T-4809DH35-VZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM5T-4809DH35-VZ AIMTEC-AM5T-4809DH35-VZ Datasheet
486Kb / 4P
   5 Watt | DC-DC Converter
More results

유사한 설명 - AM5T-4809DH35-VZ

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com