전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6CW-11005S-NZ 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM6CW-11005S-NZ
상세설명  6 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6CW-11005S-NZ 데이터시트(HTML) 1 Page - AIMTEC

  AM6CW-11005S-NZ Datasheet HTML 1Page - AIMTEC AM6CW-11005S-NZ Datasheet HTML 2Page - AIMTEC AM6CW-11005S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM6CW-NZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 3
North America only
Picture coming soon
FEATURES:
 Wide 4:1 Input Voltage Range
Operating Temperature -40ºC to +85ºC
 High efficiency up to 85%
Output Over Voltage protection
 1500 VDC Isolation
Continuous Short Circuit Protection
 Low ripple & noise
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6CW-11005S-NZ
40-160
5
1200
1500
1000
81
AM6CW-11012S-NZ
40-160
12
500
1500
100
83
AM6CW-11015S-NZ
40-160
15
400
1500
100
85
AM6CW-11024S-NZ
40-160
24
250
1500
47
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
110
40-160
VDC
Filter
Pi
Absolute Maximum Rating (100ms)
110
180
VDC
No Load Input Current
2
mA
Input reflected current
20
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec, <1mA
1500
VDC
Resistance
500VDC
>1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Over voltage protection
110-140
% of Vo
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
Full load, LL to HL
±0.5
% of Vin
Load voltage regulation
5% to 100% load
±1
%
Temperature coefficient
100% load
±0.03
%/oC
Ripple
25
mV p-p
Noise
100
mV p-p
Transient recovery time
25% load step change
1
mS
Transient recovery deviation
25% load step change
±5
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
Derating above 71°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection


유사한 부품 번호 - AM6CW-11005S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM6CW-2403S-NZ AIMTEC-AM6CW-2403S-NZ Datasheet
246Kb / 4P
   Continuous Short Circuit Protection
AM6CW-2405S-FZ AIMTEC-AM6CW-2405S-FZ Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6CW-2405S-NZ AIMTEC-AM6CW-2405S-NZ Datasheet
246Kb / 4P
   Continuous Short Circuit Protection
AM6CW-2409S-NZ AIMTEC-AM6CW-2409S-NZ Datasheet
246Kb / 4P
   Continuous Short Circuit Protection
AM6CW-2412S-NZ AIMTEC-AM6CW-2412S-NZ Datasheet
246Kb / 4P
   Continuous Short Circuit Protection
More results

유사한 설명 - AM6CW-11005S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com