전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC38RF80 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC38RF80
상세설명  Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 3Page - Texas Instruments DAC38RF80 Datasheet HTML 4Page - Texas Instruments DAC38RF80 Datasheet HTML 5Page - Texas Instruments DAC38RF80 Datasheet HTML 6Page - Texas Instruments DAC38RF80 Datasheet HTML 7Page - Texas Instruments DAC38RF80 Datasheet HTML 8Page - Texas Instruments DAC38RF80 Datasheet HTML 9Page - Texas Instruments DAC38RF80 Datasheet HTML 10Page - Texas Instruments DAC38RF80 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
12
DACCLKSE
VSSCLK
AGNDB
AGNDB
VOUTBP
AGNDB
VDDOUT18B
1.8V
VDDOUT18A
1.8V
AGNDA
VOUTAP
AGNDA
AGNDA
12
11
VSSCLK
VSSCLK
AGNDB
AGNDB
AGNDB
VDDAB 1V
VDDA18B 1.8V VDDA18A 1.8V
VDDAA 1V
AGNDA
AGNDA
AGNDA
11
10
DACCLKP
VDDAPLL18
1.8V
EXTIO
VEEB -1.8V
VEEB -1.8V
VSSCLK
VDDL2B 1V
VDDL2A 1V
VSSCLK
VEEA -1.8V
VEEA -1.8V
SDIO
10
9
DACCLKN
VDDAPLL18
1.8V
RBIAS
VDDAVCO18
1.8V
VDDAVCO18
1.8V
VSSCLK
VDDCLK 1V
VDDCLK 1V
VSSCLK
RESETB
SCLK
SDO
9
8
VSSCLK
VSSCLK
ATEST
VDDPLL 1V
VDDPLL 1V
VSSCLK
VDDL1B 1V
VDDL1A 1V
VSSCLK
ALARM
SLEEP
SDENB
8
7
CLKTXP
VDDTX18
SYNC1BP
VDD 1V
DGND
VDDE 1.0V
DGND
VDDE 1.0V
DGND
GPI0
GPO0
GPI1
7
6
CLKTXN
VDDTX
SYNC1BN
DGND
VDD 1V
DGND
VDDE 1.0V
DGND
VDDE 1.0V
TXENABLE
GPO1
DGND
6
5
VDD
1V
VDD
1V
VDD
1V
VDD
1V
VDD 1V
VDD 1V
VDD 1V
VDDIO18
1.8V or 1.5V
TRSTB
TMS
DGND
RXP3
5
4
SYSREFN
VDDS18
1.8V
SYNC0BP
VSENSE
VDD
1V
VDD
1V
VDD
1V
TDI
TDO
TCLK
DGND
RXN3
4
3
SYSREFP
VDDS18
1.8V
SYNC0BN
IFORCE
VDD
1V
AMUX1
AMUX0
VDDT
1V
VDDT
1V
TESTMODE
DGND
RXN2
3
2
DGND
DGND
DGND
DGND
DGND
DGND
DGND
VDDR
1.8V or 1.5V
VDDR
1.8V or 1.5V
DGND
DGND
RXP2
2
1
RXP7
RXN7
RXN6
RXP6
RXP5
RXN5
RXN4
RXP4
RXP0
RXN0
RXN1
RXP1
1
A
B
C
D
E
F
G
H
J
K
L
M
7
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3 – DECEMBER 2016
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
DAC38RF80, DAC38RF84, DAC38RF90 AAV Package 144-Pin (FCBGA)
144-Pin FCBGA
Top View


유사한 부품 번호 - DAC38RF80

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF80IAAV TI1-DAC38RF80IAAV Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80IAAV TI1-DAC38RF80IAAV Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF80IAAVR TI1-DAC38RF80IAAVR Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
More results

유사한 설명 - DAC38RF80

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com