전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1846-SP 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC1846-SP
상세설명  Class-V, Radiation Hardened PWM Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC1846-SP 데이터시트(HTML) 2 Page - Texas Instruments

  UC1846-SP_16 Datasheet HTML 1Page - Texas Instruments UC1846-SP_16 Datasheet HTML 2Page - Texas Instruments UC1846-SP_16 Datasheet HTML 3Page - Texas Instruments UC1846-SP_16 Datasheet HTML 4Page - Texas Instruments UC1846-SP_16 Datasheet HTML 5Page - Texas Instruments UC1846-SP_16 Datasheet HTML 6Page - Texas Instruments UC1846-SP_16 Datasheet HTML 7Page - Texas Instruments UC1846-SP_16 Datasheet HTML 8Page - Texas Instruments UC1846-SP_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
UC1846-SP
SLUS871D – JANUARY 2009 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: UC1846-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 7
6.6
Typical Characteristics .............................................. 8
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes ....................................... 13
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
8.2
Typical Applications ................................................ 15
9
Power Supply Recommendations ...................... 22
10
Layout................................................................... 22
10.1
Layout Guidelines ................................................. 22
10.2
Layout Example .................................................... 22
11
Device and Documentation Support ................. 23
11.1
Receiving Notification of Documentation Updates 23
11.2
Community Resources.......................................... 23
11.3
Trademarks ........................................................... 23
11.4
Electrostatic Discharge Caution ............................ 23
11.5
Glossary ................................................................ 23
12
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2015) to Revision D
Page
Changed title of data sheet from UC1846-SP Rad-Tolerant Class-V, Current-Mode PWM Controller : to UC1846-SP
Class-V, Radiation Hardened PWM Controller....................................................................................................................... 1
Added new RHA features to Features section ....................................................................................................................... 1
Added RHA package options to Device Information table ..................................................................................................... 1
Changed shutdown threshold from 1.0 V : to 350 mV throughout document ........................................................................ 1
Added Receiving Notification of Documentation Updates to Device and Documentation Support section ......................... 23
Changes from Revision B (October 2011) to Revision C
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Added KGD package to Device Information........................................................................................................................... 1


유사한 부품 번호 - UC1846-SP_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1846-SP TI1-UC1846-SP_15 Datasheet
630Kb / 29P
[Old version datasheet]   Current-Mode PWM Controller
More results

유사한 설명 - UC1846-SP_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
   Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com