전자부품 데이터시트 검색엔진 |
|
MC14543BDR2G 데이터시트(PDF) 5 Page - ON Semiconductor |
|
MC14543BDR2G 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC14543B http://onsemi.com 5 Figure 1. Typical Output Source Characteristics Figure 2. Typical Output Sink Characteristics -24 -18 -12 -6.0 0 (VOH - VDD), SOURCE DEVICE VOLTAGE (Vdc) -16 -12 -8.0 -4.0 0 VDD = 5.0 Vdc POHmax = 70 mWdc VDD = 10 Vdc VDD = 15 Vdc VSS = 0 Vdc 0 6.0 12 18 24 (VOL - VSS), SINK DEVICE VOLTAGE (Vdc) 0 4.0 8.0 12 16 VDD = 15 Vdc VDD = 10 Vdc VDD = 5.0 Vdc VSS = 0 Vdc POLmax = 70 mWdc Figure 3. Dynamic Power Dissipation Signal Waveforms Inputs BI and Ph low, and Inputs D and LD high. f in respect to a system clock. Figure 4. Dynamic Signal Waveforms (a) Inputs D, Ph, and BI low, and Inputs A, B, and LD high. (b) Inputs D, Ph, and BI low, and Inputs A and B high. (c) Data DCBA strobed into latches 20 ns 20 ns VDD VSS VOH VOL 10% 50% 90% 1 2f 50% DUTY CYCLE A, B, AND C ANY OUTPUT All outputs connected to respective CL loads. 20 ns 20 ns 90% 10% 50% tPHL tPLH 90% 50% 10% VDD VSS VOH VOL VDD VSS VDD VSS VOH VOL VDD VSS tTHL tTLH C g LD C g LD 20 ns 90% 50% 10% 50% 50% th tsu 50% tWH |
유사한 부품 번호 - MC14543BDR2G |
|
유사한 설명 - MC14543BDR2G |