전자부품 데이터시트 검색엔진 |
|
TC1412EPA 데이터시트(PDF) 4 Page - Microchip Technology |
|
TC1412EPA 데이터시트(HTML) 4 Page - Microchip Technology |
4 / 24 page TC1412/TC1412N DS20001391E-page 4 2001-2015 Microchip Technology Inc. Power Supply Power Supply Current IS —0.5 1.0 mA VIN =3V, VDD = 16V —0.1 0.15 VIN =0V TEMPERATURE CHARACTERISTICS Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V VDD 18V. Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Specified Temperature Range (C) TA 0— +70 ºC Specified Temperature Range (E) TA -40 — +85 ºC Maximum Junction Temperature TJ — — +150 ºC Storage Temperature Range TA -65 — +150 ºC Package Thermal Resistances Thermal Resistance, 8L-MSOP JA —211 — ºC/W Thermal Resistance, 8L-PDIP JA —89.3— ºC/W Thermal Resistance, 8L-SOIC JA — 149.5 — ºC/W DC CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise noted, TA = +25°C, with 4.5V VDD 16V. Parameters Sym. Min. Typ. Max. Units Conditions Note 1:Switching times ensured by design. |
유사한 부품 번호 - TC1412EPA |
|
유사한 설명 - TC1412EPA |