전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST26VF064B 데이터시트(PDF) 8 Page - Microchip Technology

부품명 SST26VF064B
상세설명  2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064B 데이터시트(HTML) 8 Page - Microchip Technology

Back Button SST26VF064B Datasheet HTML 4Page - Microchip Technology SST26VF064B Datasheet HTML 5Page - Microchip Technology SST26VF064B Datasheet HTML 6Page - Microchip Technology SST26VF064B Datasheet HTML 7Page - Microchip Technology SST26VF064B Datasheet HTML 8Page - Microchip Technology SST26VF064B Datasheet HTML 9Page - Microchip Technology SST26VF064B Datasheet HTML 10Page - Microchip Technology SST26VF064B Datasheet HTML 11Page - Microchip Technology SST26VF064B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
SST26VF064B / SST26VF064BA
DS20005119G-page 8
 2015 Microchip Technology Inc.
The Write Block-Protection Register command is a
two-cycle command which requires that Write-Enable
(WREN) is executed prior to the Write Block-Protection
Register
command.
The
Global
Block-Protection
Unlock command clears all write protection bits in the
Block-Protection register.
4.1.2
WRITE-PROTECTION LOCK-DOWN
(VOLATILE)
To prevent changes to the Block-Protection register,
use the Lock-Down Block-Protection Register (LBPR)
command to enable Write-Protection Lock-Down.
Once Write-Protection Lock-Down is enabled, the
Block-Protection register can not be changed. To avoid
inadvertent lock down, the WREN command must be
executed prior to the LBPR command.
To reset Write-Protection Lock-Down, performing a power
cycle on the device is required. The Write-Protection
Lock-Down status may be read from the Status register.
4.1.3
WRITE-LOCK LOCK-DOWN (NON-
VOLATILE)
The non-Volatile Write-Lock Lock-Down register is an
alternate register that permanently prevents changes
to the block-protect bits. The non-Volatile Write-Lock
Lock-Down register (nVWLDR) is 136 bits wide per
device: one bit each for the eight 8-KByte parameter
blocks, and one bit each for the remaining 32 KByte
and 64 KByte overlay blocks. See Table 5-6 for address
range protected per register bit.
Writing ‘1’ to any or all of the nVWLDR bits disables the
change mechanism for the corresponding Write-Lock
bit in the BPR, and permanently sets this bit to a ‘1’
(protected) state. After this change, both bits will be set
to ‘1’, regardless of the data entered in subsequent
writes to either the nVWLDR or the BPR. Subsequent
writes to the nVWLDR can only alter available locations
that have not been previously written to a ‘1’. This
method provides write-protection for the corresponding
memory-array block by protecting it from future pro-
gram or erase operations.
Writing a ‘0’ in any location in the nVWLDR has no
effect on either the nVWLDR or the corresponding
Write-Lock bit in the BPR.
Note that if the Block-Protection register had been pre-
viously locked down, see “Write-Protection Lock-Down
(Volatile)”, the device must be power cycled before
using the nVWLDR. If the Block-Protection register is
locked down and the Write nVWLDR command is
accessed, the command will be ignored.
4.2
Hardware Write Protection
The hardware Write Protection pin (WP#) is used in
conjunction with the WPEN and IOC bits in the config-
uration register to prohibit write operations to the Block-
Protection and Configuration registers. The WP# pin
function only works in SPI single-bit and dual-bit read
mode when the IOC bit in the configuration register is
set to ‘0’.
The WP# pin function is disabled when the WPEN bit
in the configuration register is ‘0’. This allows installa-
tion of the SST26VF064B/064BA in a system with a
grounded WP# pin while still enabling Write to the
Block-Protection register. The Lock-Down function of
the Block-Protection Register supersedes the WP# pin,
see Table 4-1 for Write Protection Lock-Down states.
The factory default setting at power-up of the WPEN bit
is ‘0’, disabling the Write Protect function of the WP#
after power-up. WPEN is a non-volatile bit; once the bit
is set to ‘1’, the Write Protect function of the WP# pin
continues to be enabled after power-up. The WP# pin
only protects the Block-Protection Register and Config-
uration Register from changes. Therefore, if the WP#
pin is set to low before or after a Program or Erase
command, or while an internal Write is in progress, it
will have no effect on the Write command.
The IOC bit takes priority over the WPEN bit in the con-
figuration register. When the IOC bit is ‘1’, the function
of the WP# pin is disabled and the WPEN bit serves no
function. When the IOC bit is ‘0’ and WPEN is ‘1’, set-
ting the WP# pin active low prohibits Write operations
to the Block Protection Register.


유사한 부품 번호 - SST26VF064B

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
   3.0V Serial Quad I/O (SQI) Flash Memory
2013
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064B-104-5I-MF MICROCHIP-SST26VF064B-104-5I-MF Datasheet
1Mb / 76P
   3.0V Serial Quad I/O (SQI) Flash Memory
2013
SST26VF064B-104-5I-SM MICROCHIP-SST26VF064B-104-5I-SM Datasheet
1Mb / 76P
   3.0V Serial Quad I/O (SQI) Flash Memory
2013
SST26VF064B-104-5I-SO MICROCHIP-SST26VF064B-104-5I-SO Datasheet
1Mb / 76P
   3.0V Serial Quad I/O (SQI) Flash Memory
2013
More results

유사한 설명 - SST26VF064B

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
   2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
   2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
   2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
   3.0V Serial Quad I/O (SQI) Flash Memory
2013
SST26WF064C MICROCHIP-SST26WF064C Datasheet
4Mb / 94P
   1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
Revision C / Sept 2018
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com