전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST38VF6404-90-5C-EKE 데이터시트(PDF) 5 Page - Microchip Technology

부품명 SST38VF6404-90-5C-EKE
상세설명  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6404-90-5C-EKE 데이터시트(HTML) 5 Page - Microchip Technology

  SST38VF6404-90-5C-EKE Datasheet HTML 1Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 2Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 3Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 4Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 5Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 6Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 7Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 8Page - Microchip Technology SST38VF6404-90-5C-EKE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
©2015
DS-20005015B
08/15
5
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Table 1: Pin Description
Symbol
Pin Name
Functions
AMS1-A0
Address Inputs
To provide memory addresses.
During Sector-Erase AMS-A12 address lines will select the sector.
During Block-Erase AMS-A15 address lines will select the block.
DQ15-DQ0 Data Input/output To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
WP#
Write Protect
To protect the top/bottom boot block from Erase/Program operation when
grounded.
RY/BY#
Ready/Busy
To indicate when the device is actively programming or erasing.
RST#
Reset
To reset and return the device to Read mode.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V
VSS
Ground
NC
No Connection
Unconnected pins.
T1.0 20005015
1. AMS = Most significant address
AMS = A21 for SST38VF6401/6402/6403/6404


유사한 부품 번호 - SST38VF6404-90-5C-EKE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST38VF6404 MICROCHIP-SST38VF6404 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6404B MICROCHIP-SST38VF6404B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6404B MICROCHIP-SST38VF6404B Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6404B-70-5I-CD MICROCHIP-SST38VF6404B-70-5I-CD Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6404B-70-5I-TV MICROCHIP-SST38VF6404B-70-5I-TV Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
More results

유사한 설명 - SST38VF6404-90-5C-EKE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com