전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF016B-50-4I-S2AE 데이터시트(PDF) 5 Page - Microchip Technology

부품명 SST25VF016B-50-4I-S2AE
상세설명  16 Mbit SPI Serial Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF016B-50-4I-S2AE 데이터시트(HTML) 5 Page - Microchip Technology

  SST25VF016B-50-4I-S2AE Datasheet HTML 1Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 2Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 3Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 4Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 5Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 6Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 7Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 8Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005044C-page 5
SST25VF016B
3.0
MEMORY ORGANIZATION
The SST25VF016B SuperFlash memory array is orga-
nized in uniform 4 KByte erasable sectors with
32 KByte overlay blocks and 64 KByte overlay eras-
able blocks.
4.0
DEVICE OPERATION
The SST25VF016B is accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI
bus consist of four control lines; Chip Enable (CE#) is
used to select the device, and data is accessed through
the Serial Data Input (SI), Serial Data Output (SO), and
Serial Clock (SCK).
The SST25VF016B supports both Mode 0 (0,0) and
Mode 3 (1,1) of SPI bus operations. The difference
between the two modes, as shown in Figure 4-1, is the
state of the SCK signal when the bus master is in
Stand-by mode and no data is being transferred. The
SCK signal is low for Mode 0 and SCK signal is high for
Mode 3. For both modes, the Serial Data In (SI) is sam-
pled at the rising edge of the SCK clock signal and the
Serial Data Output (SO) is driven after the falling edge
of the SCK clock signal.
FIGURE 4-1:
SPI PROTOCOL
4.1
Hold Operation
The HOLD# pin is used to pause a serial sequence
underway with the SPI flash memory without resetting
the clocking sequence. To activate the HOLD# mode,
CE# must be in active low state. The HOLD# mode
begins when the SCK active low state coincides with
the falling edge of the HOLD# signal. The HOLD mode
ends when the HOLD# signal’s rising edge coincides
with the SCK active low state.
If the falling edge of the HOLD# signal does not coin-
cide with the SCK active low state, then the device
enters Hold mode when the SCK next reaches the
active low state. Similarly, if the rising edge of the
HOLD# signal does not coincide with the SCK active
low state, then the device exits in Hold mode when the
SCK next reaches the active low state. See Figure 4-2
for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, it
resets the internal logic of the device. As long as
HOLD# signal is low, the memory remains in the Hold
condition. To resume communication with the device,
HOLD# must be driven active high, and CE# must be
driven active low. See Figure 5-3 for Hold timing.
FIGURE 4-2:
HOLD CONDITION WAVEFORM
4.2
Write Protection
SST25VF016B provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-
down function of the status register. The Block-Protec-
tion bits (BP3, BP2, BP1, BP0, and BPL) in the status
register provide Write protection to the memory array
and the status register. See Table 4-3 for the Block-Pro-
tection description.
1271 SPIprot.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB
Active
Hold
Active
Hold
Active
1271 HoldCond.0
SCK
HOLD#


유사한 부품 번호 - SST25VF016B-50-4I-S2AE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF016B-50-4I-S2AF SST-SST25VF016B-50-4I-S2AF Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B-50-4I-S2AF SST-SST25VF016B-50-4I-S2AF Datasheet
694Kb / 28P
   16 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
More results

유사한 설명 - SST25VF016B-50-4I-S2AE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_10 Datasheet
694Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_11 Datasheet
3Mb / 31P
   16 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com