전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF016B-50-4I-S2AE 데이터시트(PDF) 9 Page - Microchip Technology

부품명 SST25VF016B-50-4I-S2AE
상세설명  16 Mbit SPI Serial Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF016B-50-4I-S2AE 데이터시트(HTML) 9 Page - Microchip Technology

Back Button SST25VF016B-50-4I-S2AE Datasheet HTML 5Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 6Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 7Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 8Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 9Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 10Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 11Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 12Page - Microchip Technology SST25VF016B-50-4I-S2AE Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005044C-page 9
SST25VF016B
4.4.1
READ (25 MHZ)
The Read instruction, 03H, supports up to 25 MHz
Read. The device outputs the data starting from the
specified address location. The data output stream is
continuous through all addresses until terminated by a
low to high transition on CE#. The internal address
pointer will automatically increment until the highest
memory address is reached. Once the highest memory
address is reached, the address pointer will automati-
cally increment to the beginning (wrap-around) of the
address space. Once the data from address location
1FFFFFH has been read, the next output will be from
address location 000000H.
The Read instruction is initiated by executing an 8-bit
command, 03H, followed by address bits [A23-A0]. CE#
must remain active low for the duration of the Read
cycle. See Figure 4-3 for the Read sequence.
FIGURE 4-3:
READ SEQUENCE
4.4.2
HIGH-SPEED-READ (50 MHZ)
The High-Speed-Read instruction supporting up to 50
MHz Read is initiated by executing an 8-bit command,
0BH, followed by address bits [A23-A0] and a dummy
byte. CE# must remain active low for the duration of the
High-Speed-Read cycle. See Figure 4-4 for the High-
Speed-Read sequence.
Following a dummy cycle, the High-Speed-Read
instruction outputs the data starting from the specified
address location. The data output stream is continuous
through all addresses until terminated by a low to high
transition on CE#. The internal address pointer will
automatically increment until the highest memory
address is reached. Once the highest memory address
is reached, the address pointer will automatically incre-
ment to the beginning (wrap-around) of the address
space. Once the data from address location 1FFFFFH
has been read, the next output will be from address
location 000000H.
FIGURE 4-4:
HIGH-SPEED-READ SEQUENCE
1271 ReadSeq.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
1271 HSRdSeq.0
CE#
SO
SI
SCK
ADD.
012 34 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
Note: X = Dummy Byte: 8 Clocks Input Dummy Cycle (VIL or VIH)


유사한 부품 번호 - SST25VF016B-50-4I-S2AE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF016B-50-4I-S2AF SST-SST25VF016B-50-4I-S2AF Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B-50-4I-S2AF SST-SST25VF016B-50-4I-S2AF Datasheet
694Kb / 28P
   16 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
More results

유사한 설명 - SST25VF016B-50-4I-S2AE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_10 Datasheet
694Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_11 Datasheet
3Mb / 31P
   16 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com