전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST12LP19E-NR 데이터시트(PDF) 7 Page - Microchip Technology

부품명 SST12LP19E-NR
상세설명  2.4 GHz High-Gain, High-Efficiency Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E-NR 데이터시트(HTML) 7 Page - Microchip Technology

Back Button SST12LP19E-NR Datasheet HTML 3Page - Microchip Technology SST12LP19E-NR Datasheet HTML 4Page - Microchip Technology SST12LP19E-NR Datasheet HTML 5Page - Microchip Technology SST12LP19E-NR Datasheet HTML 6Page - Microchip Technology SST12LP19E-NR Datasheet HTML 7Page - Microchip Technology SST12LP19E-NR Datasheet HTML 8Page - Microchip Technology SST12LP19E-NR Datasheet HTML 9Page - Microchip Technology SST12LP19E-NR Datasheet HTML 10Page - Microchip Technology SST12LP19E-NR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
©2014
DS70005041D
08/14
7
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Table 4: DC Electrical Characteristics at 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit Test Conditions
VCC
Supply Voltage at pins1, 3, and 8 for 8-contact XSON
3.0
3.3
4.2
V
Figures16and17
Supply Voltage at pins 1, 3, 6 for 6-contact XSON/
X2SON
3.0
3.3
4.2
V
Figures18and19
ICQ
Idle current to meet EVM ~3% @ 19.5 dBm for 8-contact
XSON1
60
mA
Figure 16
Idle current to meet EVM ~2.5% @ 18 dBm for 8-contact
XSON1
45
Figure 17
Idle current to meet EVM ~3% @ 19.5 dBm for 6-contact
XSON/X2SON1
50
mA
Figure 18
Idle current to meet EVM ~2.5% @ 18 dBm for 6-contact
XSON/X2SON1
45
mA
Figure 19
ICC
(802.11g)
Current consumption to meet EVM ~3% @ 19.5 dBm for
8-contact XSON1
130
mA
Figure 16
Current consumption to meet EVM ~2.5% @18 dBm for 8-
contact XSON1
92
mA
Figure 17
Current consumption to meet EVM ~3% @ 19.5 dBm for
6-contact XSON/X2SON1
132
mA
Figure 18
Current consumption to meet EVM ~2.5% @18 dBm for 6-
contact XSON/X2SON1
90
mA
Figure 19
ICC
(802.11g
Mask)
Current consumption to meet Spectrum Mask @23.5 dBm for
8-contact XSON1
200
mA
Figure 16
Current consumption to meet Spectrum Mask @22 dBm for 8-
contact XSON1
140
mA
Figure 17
Current consumption to meet Spectrum Mask @23.5 dBm for
6-contact XSON/X2SON1
190
mA
Figure 18
Current consumption to meet Spectrum Mask @22 dBm for 6-
contact XSON/X2SON1
138
mA
Figure 19
ICC
(802.11b
Mask)
Current consumption to meet Spectrum Mask @23 dBm for
8-contact XSON2
195
mA
Figure 16
Current consumption to meet Spectrum Mask @22 dBm for
8-contact XSON2
140
mA
Figure 17
Current consumption to meet Spectrum Mask @23 dBm for
6-contact XSON/X2SON2
185
mA
Figure 18
Current consumption to meet Spectrum Mask @22.5 dBm for
6-contact XSON/X2SON2
150
mA
Figure 19
VREG
Reference Voltage for 8-contact XSON with no resistor
2.75
2.85
2.95
V
Figure 16
Reference Voltage for 8-contact XSON with300
 resis-
tor
2.75
2.85
2.95
V
Figure 17
Reference Voltage for 6-contact XSON/X2SON with
200
 resistor
2.75
2.85
2.95
V
Figure 18
Reference Voltage for 6-contact XSON/X2SON with
360
 resistor
2.75
2.85
2.95
V
Figure 19
T4.2 75041
1. 802.11g OFDM 54 Mbps signal
2. 802.11b DSSS 1 Mbps signal


유사한 부품 번호 - SST12LP19E-NR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
More results

유사한 설명 - SST12LP19E-NR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
   2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com