전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF016B-50-4I-QAF 데이터시트(PDF) 4 Page - Microchip Technology

부품명 SST25VF016B-50-4I-QAF
상세설명  16 Mbit SPI Serial Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF016B-50-4I-QAF 데이터시트(HTML) 4 Page - Microchip Technology

  SST25VF016B-50-4I-QAF Datasheet HTML 1Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 2Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 3Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 4Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 5Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 6Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 7Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 8Page - Microchip Technology SST25VF016B-50-4I-QAF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SST25VF016B
DS20005044C-page 4
 2015 Microchip Technology Inc.
2.0
PIN DESCRIPTION
FIGURE 2-1:
PIN ASSIGNMENTS
TABLE 2-1:
PIN DESCRIPTION
Symbol Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock
input, while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
Outputs Flash busy status during AAI Programming when reconfigured as RY/BY#
pin. See “Hardware End-of-Write Detection” on page 11 for details.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for
the duration of any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without resetting the
device.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V for SST25VF016B
VSS
Ground
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
1271 08-soic S2A P1.0
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
1271 08-wson QA P2.0
8-Lead SOIC
8-Contact WSON


유사한 부품 번호 - SST25VF016B-50-4I-QAF

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF016B-50-4I-QAF SST-SST25VF016B-50-4I-QAF Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B-50-4I-QAF SST-SST25VF016B-50-4I-QAF Datasheet
694Kb / 28P
   16 Mbit SPI Serial Flash
More results

유사한 설명 - SST25VF016B-50-4I-QAF

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_10 Datasheet
694Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_11 Datasheet
3Mb / 31P
   16 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com