전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1662M 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LB1662M
상세설명  DC Fan Motor Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1662M 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LB1662M Datasheet HTML 1Page - Sanyo Semicon Device LB1662M Datasheet HTML 2Page - Sanyo Semicon Device LB1662M Datasheet HTML 3Page - Sanyo Semicon Device LB1662M Datasheet HTML 4Page - Sanyo Semicon Device LB1662M Datasheet HTML 5Page - Sanyo Semicon Device LB1662M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Absolute Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VIN max
7V
Output voltage
VOUT
–0.3 to +85
V
Output current
IOUT
1.5
A
RD flow-in current
IRD
10
mA
RD voltage
VRD
50
V
Allowable power dissipation
Pd max
LB1662D
1.2
W
LB1662M (Independent IC)
0.9
W
LB1662M with Specified board*
1.2
W
Operating temperature
Topr
–40 to +80
°C
Storage temperature
Tstg
–55 to +125
°C
* Specified board (20
× 30 × 1.5 mm3 glass epoxy resin)
Allowable Operating Ranges at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VIN
3.8 to 6.0
V
Common-mode input voltage range
VICM
0toVIN –1.5
V
Electrical Characteristics at Ta=25 °C, VIN = 4.3 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Output withstand voltage 1
VOR
80
V
Output withstand voltage 2
VO(SUS)
IO = 0.1
65
V
Output saturation voltage
VO sat 1 IO = 0.5 A
0.95
1.2
V
VO sat 2 IO = 1.0 A
1.15
1.5
V
VO sat 3 IO = 1.5 A, VIN = 4.8 V
1.4
2.0
V
VIN flow-in range
IIN
1.4
2.5
3.7
mA
Amp input offset voltage
VOFF
–7
0
7.0
mV
Amp input bias current
IBA
–250
nA
RD output saturation voltage
VRD (sat) IRD = 5 mA
0.1
0.2
V
C flow-out current
IC 1
1.5
2.8
4.1
µA
C discharge current
IC 2
0.21
0.38
0.61
µA
Comparator input threshold voltage
VTH 1
0.67
0.7VIN
0.73
V
VTH 2
0.34
0.38VIN
0.42
V
LB1662D, 1662M
No.3416-2/6


유사한 부품 번호 - LB1662M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1660 SANYO-LB1660 Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
LB1661 SANYO-LB1661 Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
More results

유사한 설명 - LB1662M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1332D SANYO-LB1332D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
logo
Rohm
BD6701F ROHM-BD6701F_12 Datasheet
518Kb / 17P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
BA6901F ROHM-BA6901F_12 Datasheet
602Kb / 21P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
logo
Toshiba Semiconductor
TJ200F04M3L TOSHIBA-TJ200F04M3L Datasheet
329Kb / 11P
   DC-DC Converters Motor Drivers
TJ100F06M3L TOSHIBA-TJ100F06M3L Datasheet
325Kb / 10P
   DC-DC Converters Motor Drivers
TJ100F04M3L TOSHIBA-TJ100F04M3L Datasheet
313Kb / 10P
   DC-DC Converters Motor Drivers
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
logo
Fairchild Semiconductor
FAN8902 FAIRCHILD-FAN8902 Datasheet
127Kb / 14P
   DC FAN Motor Controller
logo
Sanyo Semicon Device
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
   DC Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com