전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP708AQDBVRQ1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP708AQDBVRQ1
상세설명  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP708AQDBVRQ1 데이터시트(HTML) 5 Page - Texas Instruments

  TMP708AQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TMP708AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
TMP708-Q1
www.ti.com
SBOS828 – DECEMBER 2016
Product Folder Links: TMP708-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TA = 0°C to 125°C and VCC = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
ICC
Supply current
VCC = 5 V
40
55
µA
VCC = 2.7 V
40
55
µA
TEMPERATURE
TE
Temperature error
TA = 60°C to 100°C
±0.5
±3.5
°C
DIGITAL INPUT (HYST)
VIH
High-level input voltage
0.7 × VCC
V
VIL
Low-level input voltage
0.3 × VCC
V
Ilkg_in
Input leakage current
1
µA
CIN
Input capacitance
10
pF
ANALOG INPUT (SET)
VIN
Input voltage range
0
VCC
V
DIGITAL OPEN-DRAIN OUTPUT (OT)
I(OT_SINK)
Output sink current
VOT = 0.3 V
5
12
mA
Ilkg(OT)
Output leakage current
VOT = VCC
1
µA


유사한 부품 번호 - TMP708AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP708AIDBVR TI1-TMP708AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708AIDBVT TI1-TMP708AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

유사한 설명 - TMP708AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com