전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP709AQDBVRQ1 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP709AQDBVRQ1
상세설명  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709AQDBVRQ1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TMP709AQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Trip Temperature ( C)
°
0
40
60
140
20
80
100
120
10
Hysteresis
°
°
C
2 C Hysteresis
14
12
10
8
6
4
2
0
1.5
1
0.5
0
0.5
1
1.5
-
-
-
Trip Temperature ( C)
°
0
40
60
140
20
80
100
120
48
46
Temperature ( C)
°
0
40
60
140
20
80
100
120
44
42
40
38
36
34
V
= 5 V
CC
V
= 2.7 V
CC
R
= 0 W
SET
100
90
80
70
60
50
40
30
20
10
0
Trip Temperature ( C)
°
0
40
60
140
20
80
100
120
6
TMP709-Q1
SBOS829 – DECEMBER 2016
www.ti.com
Product Folder Links: TMP709-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C and VCC = 2.7 V to 5.5 V (unless otherwise noted)
Figure 1. Supply Current vs Temperature
Figure 2. RSET vs Trip Temperature
Figure 3. Hysteresis vs Trip Temperature
Figure 4. Temperature Error vs Trip Temperature


유사한 부품 번호 - TMP709AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP709AIDBVR TI1-TMP709AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVT TI1-TMP709AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

유사한 설명 - TMP709AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com