전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP709AQDBVRQ1 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP709AQDBVRQ1
상세설명  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709AQDBVRQ1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP709AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 13Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
OUT
50°C
60°C
T
(TRIP)
V
S
10
TMP709-Q1
SBOS829 – DECEMBER 2016
www.ti.com
Product Folder Links: TMP709-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.2 Detailed Design Procedure
Connect the HYST pin to VCC for 10°C hysteresis. For a 60°C temperature threshold, see the Set-Point Resistor
(RSET) section to compute an ideal RSET resistor value of 44.619 kΩ. Select the closest standard value resistor
available; in this case, 44.2 kΩ. Use a 10-kΩ pullup resistor from the OT pin to the VCC pin. To minimize power,
a larger-value pullup resistor can be used, but must not exceed 470 kΩ. Place a 0.1-μF bypass capacitor close to
the TMP709-Q1 device in order to reduce noise coupled from the power supply.
8.2.3 Application Curves
Figure 6 shows an example of the hysteresis feature. The HYST pin is connected to VCC, so the TMP709-Q1
device is configured for 10°C of hysteresis. The device is configured for a 60°C trip temperature by the RSET
resistor value; therefore, the OT output asserts low when the 60°C threshold is exceeded. The OT output
remains asserted low until the sensor reaches 50°C.
Figure 6. TMP709-Q1 Hysteresis Function


유사한 부품 번호 - TMP709AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP709AIDBVR TI1-TMP709AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVT TI1-TMP709AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

유사한 설명 - TMP709AQDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com