전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3128D2DAP 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3128D2DAP
상세설명  2x30-W Class-D Amplifier With Low Idle Power Dissipation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAP 데이터시트(HTML) 3 Page - Texas Instruments

  TPA3128D2DAP Datasheet HTML 1Page - Texas Instruments TPA3128D2DAP Datasheet HTML 2Page - Texas Instruments TPA3128D2DAP Datasheet HTML 3Page - Texas Instruments TPA3128D2DAP Datasheet HTML 4Page - Texas Instruments TPA3128D2DAP Datasheet HTML 5Page - Texas Instruments TPA3128D2DAP Datasheet HTML 6Page - Texas Instruments TPA3128D2DAP Datasheet HTML 7Page - Texas Instruments TPA3128D2DAP Datasheet HTML 8Page - Texas Instruments TPA3128D2DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
32
31
30
29
19
13
14
15
16
17
18
20
1
2
3
4
5
6
7
8
9
10
11
12
21
22
23
24
28
27
26
25
FAULTZ
SDZ
SYNC
AM0
AM1
MUTE
LINN
LINP
PLIMIT
RINN
GVDD
RINP
AVCC
OUTPR
PVCC
BSPL
GND
OUTPL
PVCC
OUTNL
BSNL
PVCC
OUTNR
BSNR
MODSEL
BSPR
GND
GND
PVCC
GND
GAIN/SLV
AM2
Thermal
PAD
3
TPA3128D2
www.ti.com
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DAP Package
32-Pin HTSSOP With PowerPAD Down
TPA3128D2, Top View
(1)
TYPE: DO = Digital Output, I = Analog Input, G = General Ground, PO = Power Output, BST = Boot Strap.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
MODSEL
I
Mode selection logic input (LOW = Ultra Low Idle Loss Mode, HIGH = BD Mode). TTL logic levels with
compliance to AVCC.
2
SDZ
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels with
compliance to AVCC.
3
FAULTZ
DO
General fault reporting including Over-temp, DC Detect. Open drain.
FAULTZ = High, normal operation
FAULTZ = Low, fault condition
4
RINP
I
Positive audio input for right channel. Connect to GND for MONO mode.
5
RINN
I
Negative audio input for right channel. Connect to GND for MONO mode.
6
PLIMIT
I
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect directly
to GVDD for no power limit.
7
GVDD
PO
Internally generated gate voltage supply. Not to be used as a supply or connected to any component other
than a 1 µF X7R ceramic decoupling capacitor and the PLIMIT and GAIN/SLV resistor dividers.
8
GAIN/SLV
I
Selects Gain and selects between Master and Slave mode depending on pin voltage divider.
9
GND
G
Ground
10
LINP
I
Positive audio input for left channel. Connect to GND for PBTL mode.
11
LINN
I
Negative audio input for left channel. Connect to GND for PBTL mode.
12
MUTE
I
Mute signal for fast disable/enable of outputs (HIGH = outputs Hi-Z, LOW = outputs enabled). TTL logic
levels with compliance to AVCC.
13
AM2
I
AM Avoidance Frequency Selection
14
AM1
I
AM Avoidance Frequency Selection
15
AM0
I
AM Avoidance Frequency Selection
16
SYNC
DIO
Clock input/output for synchronizing multiple class-D devices. Direction determined by GAIN/SLV terminal.
17
AVCC
P
Analog Supply


유사한 부품 번호 - TPA3128D2DAP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3128D2DAP TI1-TPA3128D2DAP Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3128D2DAPR TI1-TPA3128D2DAPR Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
More results

유사한 설명 - TPA3128D2DAP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3128D2 TI1-TPA3128D2_17 Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
logo
NXP Semiconductors
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
logo
Infineon Technologies A...
MA2304PNS INFINEON-MA2304PNS Datasheet
2Mb / 43P
   2x37 W, 10 to 20 V, Ultra‑Low Idle Power, MERUS Multilevel Switching Class‑D Audio Amplifier with Inductor‑Less Operation
INTV2.1.9 August, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com